Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54WS Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # BAT54WS
Description  SCHOTTKY DIODE Surface mount package ideally suited for automatic insertion
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

BAT54WS Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  BAT54WS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAT54WS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAT54WS Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES BAT54WS
0
5
10
15
20
25
30
35
40
REVERSE VOLTAGE VR (V)
FIG. 2-TYPICAL VALUES OF REVERSE CURRENT
VS REVERSE VOLTAGE (PER LEG)
FIG. 1- MAX.FORWARD VOLTAGE DROP
CHARACTERISTICS(PER LEG)
1
0.1
0.01
0.001
0.0001
0.00001
FORWARD VOLTAGE DROP-VFM(V)
1
0.1
0.01
0.001
0
0
0.2
0.4
0.6
0.8
1
FIG. 3- TYPICAL JUNCTION CAPACITANCE
0
5
10
15
20
25
30
10
1
REVERSE VOLTAGE-VR(V)
FIG. 4- FORWARD POWER LOSS
CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.3
0.2
0.1
0
AVERAGE FORWARD CURRENT-IF(AV)(A)
Tj=25 C
Tj=25 C
Tj=150 C
Tj=125 C
Tj=25 C
Tj=25 C
Tj=50 C
Tj=75 C
Tj=100 C
Tj=125 C
Tj=150 C
DC
D=0.75
D=0.50
D=0.33
D=0.2
D=-0.25
RMS Limit
FIG. 5- MAX NON-REPETITIVE SURGE CURRENT
0
100
1000
10000
10
1
0.1
SQUARE WAVE PULSE
DURATION-tP(MICROSEC)
At any rated load condition
and with rated vrrm applied
following surge
MDD ELECTRONIC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com