Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54WS Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # BAT54WS
Description  SCHOTTKY DIODE Surface mount package ideally suited for automatic insertion
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

BAT54WS Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  BAT54WS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAT54WS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAT54WS Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT54WS
SCHOTTKY DIODE
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: L9
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
21
100
200
300
600
200
625
125
-65 to +150
30
Low forward voltage drop
Fast switching time
Surface mount package ideally suited
for automatic insertion
Maximum ratings and electrical characteristics, Single diode @TA=25C
SYMBOLS
UNITS
VR
DC Blocking voltage
Average rectified output current
Forward continuous current
Repetitive peak forward current
Forward surge current
Power dissipation
Termal resistance,junction to ambient air
Junction temperature
Storage temperature
Non-Repetitive peak reverse voltage
RΘJA
Tj
TSTG
LIMITS
IFRM
Pd
Electrical ratings @TA=25C
SYMBOLS
Conditions
V(BR)R
VF1
VF2
VF3
VF4
VF5
IR
CT
trr
Reverse breakdomn voltage
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
30
V
mV
mV
mV
mV
mV
pF
ns
IR=100uA
IF=0.1mA
IF=1.0mA
IF=10mA
IF=30mA
IF=100mA
VR=25V
VR=0,f=1.0MHz
IF=10mA,IR=10mA to 1mA
RL=100
IFSM
IFM
240
320
400
500
1000
2.0
10
5.0
uA
VRM
IO
V
mA
mA
mA
mA
mW
K/W
C
C
V
SOD-323
1.35(0.053)
1.15(0.045)
1.00(.040)
0.80(.031)
.08(.003)
MIN
.177(.007)
.089(.003)
0.4(0.016)
.25(0.010)
1.26(.050)
1.24(.048)
.305(0.012)
.295(0.010)
0.1(0.004)
MIN
.72(0.028)
.69(0.027)
1.80(0.071)
1.60(0.063)
2.75(0.108)
2.30(0.091)
1.80(0.071)
1.60(0.063)
2.75(0.108)
2.30(0.091)
Dimensions in millimeters and (inches)
MDD ELECTRONIC


Similar Part No. - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT54WS WTE-BAT54WS Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 4 - 2
logo
General Semiconductor
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
85Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 8 - 2
More results

Similar Description - BAT54WS

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
1N4448 HY-1N4448 Datasheet
103Kb / 2P
Surface Mount Package Ideally Suited For Automatic Insertion
logo
Yea Shin Technology Co....
MMBD3004C YEASHIN-MMBD3004C Datasheet
437Kb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
Ideally suited for automatic insertion
BC856A DGNJDZ-BC856A Datasheet
727Kb / 2P
Ideally suited for automatic insertion
logo
SHIKUES Electronics
BAS16 SKTECHNOLGY-BAS16 Datasheet
1Mb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
BAS19 SKTECHNOLGY-BAS19 Datasheet
774Kb / 3P
Surface Mount Package Ideally Suited for Automatic Insertion
BAS19W SKTECHNOLGY-BAS19W Datasheet
1Mb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
logo
Shanghai Leiditech Elec...
BAS19 LEIDITECH-BAS19 Datasheet
415Kb / 3P
Surface mount package ideally suited for Automatic insertion
logo
Rectron Semiconductor
BC846V RECTRON-BC846V Datasheet
450Kb / 6P
Ideally suited for automatic insertion
BC856V RECTRON-BC856V Datasheet
518Kb / 6P
Ideally suited for automatic insertion
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com