Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP3530ECUS Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECUS
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS Datasheet(HTML) 97 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 93Page - Texas Instruments OMAP3530ECUS Datasheet HTML 94Page - Texas Instruments OMAP3530ECUS Datasheet HTML 95Page - Texas Instruments OMAP3530ECUS Datasheet HTML 96Page - Texas Instruments OMAP3530ECUS Datasheet HTML 97Page - Texas Instruments OMAP3530ECUS Datasheet HTML 98Page - Texas Instruments OMAP3530ECUS Datasheet HTML 99Page - Texas Instruments OMAP3530ECUS Datasheet HTML 100Page - Texas Instruments OMAP3530ECUS Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 264 page
background image
OMAP3530/25 Applications Processor
www.ti.com
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
Table 2-6. External Memory Interfaces – SDRC Signals Description (continued)
SIGNAL
DESCRIPTION
TYPE(1)
BALL
BALL TOP
BALL BOTTOM
BALL TOP
BALL BOTTOM
NAME
BOTTOM
(CBB Pkg.)
(CBC Pkg.)
(CBC Pkg.)
(CUS Pkg.)
(CBB Pkg.)
sdrc_d26
SDRAM data bit 26
IO
B19
D22
NA
B19
C15
sdrc_d27
SDRAM data bit 27
IO
B20
D23
NA
C20
B16
sdrc_d28
SDRAM data bit 28
IO
D20
E22
NA
D21
C16
sdrc_d29
SDRAM data bit 29
IO
A21
E23
NA
E20
D16
sdrc_d30
SDRAM data bit 30
IO
B21
G22
NA
E21
B17
sdrc_d31
SDRAM data bit 31
IO
C21
G23
NA
G21
B18
sdrc_ba0
SDRAM bank select 0
O
H9
AB21
NA
AA18
C18
sdrc_ba1
SDRAM bank select 1
O
H10
AC21
NA
V20
D18
sdrc_a0
SDRAM address bit 0
O
A4
N22
NA
G20
A4
sdrc_a1
SDRAM address bit 1
O
B4
N23
NA
K20
B4
sdrc_a2
SDRAM address bit 2
O
B3
P22
NA
J20
D6
sdrc_a3
SDRAM address bit 3
O
C5
P23
NA
J21
B3
sdrc_a4
SDRAM address bit 4
O
C4
R22
NA
U21
B2
sdrc_a5
SDRAM address bit 5
O
D5
R23
NA
R20
C3
sdrc_a6
SDRAM address bit 6
O
C3
T22
NA
M21
E3
sdrc_a7
SDRAM address bit 7
O
C2
T23
NA
M20
F6
sdrc_a8
SDRAM address bit 8
O
C1
U22
NA
N20
E10
sdrc_a9
SDRAM address bit 9
O
D4
U23
NA
K21
E9
sdrc_a10
SDRAM address bit 10
O
D3
V22
NA
Y16
E7
sdrc_a11
SDRAM address bit 11
O
D2
V23
NA
N21
G6
sdrc_a12
SDRAM address bit 12
O
D1
W22
NA
R21
G7
sdrc_a13
SDRAM address bit 13
O
E2
W23
NA
AA15
F7
sdrc_a14
SDRAM address bit 14
O
E1
Y22
NA
Y12
F9
sdrc_ncs0
Chip select 0
O
H11
M22
NA
T21
A19
sdrc_ncs1
Chip select 1
O
H12
M23
NA
T20
B19
sdrc_clk
Clock
IO
A13
A11
NA
A12
A10
sdrc_nclk
Clock Invert
O
A14
B11
NA
B13
A11
sdrc_cke0
Clock Enable 0
O
H16
J22
NA
Y15
B20
sdrc_cke1
Clock Enable 1
O
H17
J23
NA
Y13
C20
sdrc_nras
SDRAM Row Access
O
H14
L23
NA
V21
D19
sdrc_ncas
SDRAM column
O
H13
L22
NA
U20
C19
address strobe
sdrc_nwe
SDRAM write enable
O
H15
K23
NA
Y18
A20
sdrc_dm0
Data Mask 0
O
B7
C1
NA
H1
B6
sdrc_dm1
Data Mask 1
O
A16
A17
NA
A14
B13
sdrc_dm2
Data Mask 2
O
B11
A6
NA
A4
A7
sdrc_dm3
Data Mask 3
O
C20
A20
NA
A18
A16
sdrc_dqs0
Data Strobe 0
IO
A6
C2
NA
C2
A5
sdrc_dqs1
Data Strobe 1
IO
A17
B17
NA
B15
A13
sdrc_dqs2
Data Strobe 2
IO
A10
B6
NA
B8
A8
sdrc_dqs3
Data Strobe 3
IO
A20
B20
NA
A19
A17
Submit Documentation Feedback
TERMINAL DESCRIPTION
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com