Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP3530ECUS Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECUS
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS Datasheet(HTML) 93 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 89Page - Texas Instruments OMAP3530ECUS Datasheet HTML 90Page - Texas Instruments OMAP3530ECUS Datasheet HTML 91Page - Texas Instruments OMAP3530ECUS Datasheet HTML 92Page - Texas Instruments OMAP3530ECUS Datasheet HTML 93Page - Texas Instruments OMAP3530ECUS Datasheet HTML 94Page - Texas Instruments OMAP3530ECUS Datasheet HTML 95Page - Texas Instruments OMAP3530ECUS Datasheet HTML 96Page - Texas Instruments OMAP3530ECUS Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 264 page
background image
OMAP3530/25 Applications Processor
www.ti.com
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
Table 2-4. Multiplexing Characteristics (continued)
CBB
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE 7
Bottom
Top
Bottom
Top
AD3, AD4,
NA
A18, AC7,
NA
M17, M18,
vdds
W4, AF8,
AC15, AC18,
M19, N17,
AE8, AF16,
AC24, AD20,
N18, N19,
AE16, AF23,
AE10, C11,
U10, V9,
AE23, F25,
D9, E24, G4,
V10, W9,
F26, AG27
J15, J18, L7,
W10, Y9
L24, M4, T4,
T24, W24,
Y4, L20,
AB24, AD18,
AD19
U1, J1, F1,
NA
NA
E16, F15,
vdds_mem
J2, F2, R4,
F16, G15,
B5, A5, AH6,
G16, H15,
B8, A8, B12,
J6, J7, J8,
A12, D16,
K6, K7, K8
C16, B18,
A18, B22,
A22, G28,
C28
AA16
NA
U14
NA
U17
vdds_dpll_pe
r
AA14
NA
W14
NA
AA13
vdds_wkup_
bg
AG2, U2, B2, NA
A6, A8, A13, NA
H11, H14,
vss
AG3, W3,
AB5, AB22,
H16, J11,
P3, J3, E3,
AC10, AC16,
J12, J13,
A3, P4, E4,
AC19, AD14,
J14, J15,
AG6, D7, C7,
AD25,AE7,
J16, K10,
V9, U9, P9,
AF23, B2,
K11, K14,
N9, K9, W10,
B25, C12,
K15, L8, L10,
V10, P10,
D7, D10,
L13, L17,
K10, D10,
D12, D14,
M9, M10,
C10, AF12,
D18, D20,
M11, M13,
AE12, Y12,
E22, G1, G8,
M16, N9,
K12, J12,
G10, G20,
N10, N11,
Y13, W13,
G23, H4, K1,
N12, N13,
J13, D13,
K15, K25,
N14, N15,
C13, W14,
L10, L17,
N16, P8,
K16, J16,
L19, L23, N4,
P10, P11,
Y17, W17,
N10, N17,
P12, P13,
K17, J17,
R1, R4, R17,
P14, P15,
W19, V19,
T23, U25,
P17, R10,
R19, P19,
W1, W4,
R11, R14,
L19, K19,
W23, Y7,
R15, T9,
D19, C19,
Y10, Y16,
T10, T11,
AF20, AE20,
Y26
T12, T13,
T20, R2
T14, T15,
T16, U9,
U11, U14,
U15, U16,
V15, V16,
W15
V25
NA
V25
NA
AB13
vdda_dac
Y26
NA
V24
NA
AB15
vssa_dac
K25
NA
N23
NA
N24
vdds_mmc1
P25
NA
P23
NA
H8
vdds_mmc1a
AA26
NA
Y26
NA
NA
vss
AE27
NA
AB24
NA
NA
vdds
AG21
NA
AD19
NA
NA
vdds
AH20
NA
AE19
NA
NA
cap_vdd_d
AH21
NA
AC19
NA
NA
vss
AG16
NA
NA
NA
NA
vss
AG20
NA
NA
NA
NA
vdds
M28
NA
L19
NA
NA
vss
H28
NA
L20
NA
NA
vdds
V4
NA
N9
NA
U8
cap_vdd_sra
m_mpu_iva
L21
NA
K20
NA
H17
cap_vdd_sra
m_core
Submit Documentation Feedback
TERMINAL DESCRIPTION
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com