Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 25 of 36
EVALUATION BOARD LAYOUT AND THERMAL GROUNDING
An evaluation board is available for testing the ADRF6806. The
evaluation board schematic is shown in Figure 43.
Table 7 provides the component values and suggestions for
modifying the component values for the various modes of
operation.
IBBN
LOSEL
IBBP
GND
VCCLO
LON
LOP
DECL1
VTUNE
GND
QBBN
GND
CLK
DATA
QBBP
VCCLO
LE
GND
GND
GND
Figure 43. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com