Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSTEMPCLW Datasheet(PDF) 13 Page - Microchip Technology

Part # DSTEMPCLW
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSTEMPCLW Datasheet(HTML) 13 Page - Microchip Technology

Back Button DSTEMPCLW Datasheet HTML 9Page - Microchip Technology DSTEMPCLW Datasheet HTML 10Page - Microchip Technology DSTEMPCLW Datasheet HTML 11Page - Microchip Technology DSTEMPCLW Datasheet HTML 12Page - Microchip Technology DSTEMPCLW Datasheet HTML 13Page - Microchip Technology DSTEMPCLW Datasheet HTML 14Page - Microchip Technology DSTEMPCLW Datasheet HTML 15Page - Microchip Technology DSTEMPCLW Datasheet HTML 16Page - Microchip Technology DSTEMPCLW Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2002-2012 Microchip Technology Inc.
DS21459E-page 13
TC7129
4.8
Successive Integration
The successive integration technique picks up where
dual-slope conversion ends. The overshoot voltage
shown in Figure 4-9 (called the “integrator residue
voltage”) is measured to obtain a correction to the initial
count. Figure 4-10 shows the cycles in a successive
integration measurement.
The waveform shown is for a negative input signal. The
sequence of events during the measurement cycle is
shown in Table 4-1.
TABLE 4-1:
MEASUREMENT CYCLE
SEQUENCE
4.9
Digital Auto-Zeroing
To eliminate the effect of amplifier offset errors, the
TC7129 uses a digital auto-zeroing technique. After the
input voltage is measured as described above, the
measurement is repeated with the inputs shorted
internally. The reading with inputs shorted is a
measurement of the internal errors and is subtracted
from the previous reading to obtain a corrected
measurement. Digital auto-zeroing eliminates the need
for an external auto-zeroing capacitor used in other
ADCs.
4.10
Inside the TC7129
Figure 4-11 shows a simplified block diagram of the
TC7129.
Phase
Description
INT1
Input signal is integrated for fixed time (1000 clock
cycles on 2V scale, 10,000 on 200 mV).
DE1
Integrator voltage is ramped to zero. Counter
counts up until zero-crossing to produce reading
accurate to 3-1/2 digits. Residue represents an
overshoot of the actual input voltage.
REST
Rest; circuit settles.
X10
Residue voltage is amplified 10 times and
inverted.
DE2
Integrator voltage is ramped to zero. Counter
counts down until zero-crossing to correct reading
to 4-1/2 digits. Residue represents an undershoot
of the actual input voltage.
REST
Rest; circuit settles.
X10
Residue voltage is amplified 10 times and
inverted.
DE3
Integrator voltage is ramped to zero. Counter
counts up until zero-crossing to correct reading to
5-1/2 digits. Residue is discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com