Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSTEMPCLW Datasheet(PDF) 23 Page - Microchip Technology

Part # DSTEMPCLW
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSTEMPCLW Datasheet(HTML) 23 Page - Microchip Technology

Back Button DSTEMPCLW Datasheet HTML 19Page - Microchip Technology DSTEMPCLW Datasheet HTML 20Page - Microchip Technology DSTEMPCLW Datasheet HTML 21Page - Microchip Technology DSTEMPCLW Datasheet HTML 22Page - Microchip Technology DSTEMPCLW Datasheet HTML 23Page - Microchip Technology DSTEMPCLW Datasheet HTML 24Page - Microchip Technology DSTEMPCLW Datasheet HTML 25Page - Microchip Technology DSTEMPCLW Datasheet HTML 26Page - Microchip Technology DSTEMPCLW Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
 2002-2012 Microchip Technology Inc.
DS21459E-page 23
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
DSTEMP: 4-1/2 Digit Analog-to-Digital Converter
Temperature:
C
=
0°C to +70°C
I
= -25°C to +85°C
Package:
PL
= 40-Pin PDIP
KW = 40-Pin PQFP
LW = 44-Pin PLCC
JL
= 40-Pin CDIP
Taping Direction:
713 =
Standard Taping
PART NO.
XX
Pkg
Device
X
Temp.
XX
Taping
Direction
Examples:
a)
TC7129CPL:
40-Pin PDIP
b)
DSTEMPCKW713:
44-Pin PQFP
Tape and Reel
c)
DSTEMPCLW:
44-Pin PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com