Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRB_P2 Datasheet(PDF) 20 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PRB_P2
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PRB_P2 Datasheet(HTML) 20 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button PRB_P2 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
TAS2521
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
5.3.3
Multifunction Pins
Table 5-1 shows the possible allocation of pins for specific functions. The PLL input, for example, can be
programmed to be any of 4 pins (MCLK, BCLK, DIN, GPIO).
Table 5-1. Multifunction Pin Assignments
1
2
3
4
5
6
7
Pin Function
MCLK
BCLK
WCLK
DIN
GPIO
SCLK
MISO
/DOUT
A
PLL Input
S(1)
S(2)
E
S(3)
B
Codec Clock Input
S(1),D(4)
S(2)
S(3)
C
I2S BCLK input
S(2),D
D
I2S BCLK output
E(5)
E
I2S WCLK input
E, D
F
I2S WCLK output
E
G
I2S DIN
E, D
H
I2S DOUT
E
I
General Purpose Output I
E
I
General Purpose Output II
E
J
General Purpose Input I
E
J
General Purpose Input II
E
J
General Purpose Input III
E
K
INT1 output
E
E
L
INT2 output
E
E
M
Secondary I2S BCLK input
E
E
N
Secondary I2S WCLK input
E
E
O
Secondary I2S DIN
E
E
P
Secondary I2S BCLK OUT
E
E
Q
Secondary I2S WCLK OUT
E
E
R
Secondary I2S DOUT
E
S
Aux Clock Output
E
E
(1)
S(1): The MCLK pin can drive the PLL and Codec Clock inputs simultaneously.
(2)
S(2): The BCLK pin can drive the PLL and Codec Clock and audio interface bit clock inputs simultaneously.
(3)
S(3): The GPIO/DOUT pin can drive the PLL and Codec Clock inputs simultaneously.
(4)
D: Default Function
(5)
E: The pin is exclusively used for this function, no other function can be implemented with the same pin. (If GPIO/DOUT has been
allocated for General Purpose Output, it cannot be used as the INT1 output at the same time.)
5.4
Audio Analog I/O
The TAS2521 features a mono audio DAC. It supports a wide range of analog interfaces to support
different headsets such as 16-
Ω to 200-Ω impedance and analog line outputs. TheTAS2521 can drive a
speaker upto 4-
Ω impedance.
5.5
Analog Signals
The TAS2521 analog signals consist of:
•
Analog inputs AINR and AINL, which can be used to pass-through or mix analog signals to output
stages
•
Analog outputs class-D speaker driver and headphone/lineout driver providing output capability for the
DAC, AINR, AINL, or a mix of the three
20
Application Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com