Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRB_P2 Datasheet(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PRB_P2
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PRB_P2 Datasheet(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button PRB_P2 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P2 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
T0146-09
WCLK
BCLK
DIN
t (WS)
d
t (WS)
d
t (DI)
S
t (DI)
h
t
f
t
r
TAS2521
www.ti.com
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
3.5.3
DSP Timing in Master Mode
All specifications at 25°C, DVDD = 1.8 V
Note: All timing specifications are measured at characterization but not tested at final test.
IOVDD = 1.8 V
IOVDD = 3.3 V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
td(WS)
WCLK delay
45
45
ns
ts(DI)
DIN setup
8
6
ns
th(DI)
DIN hold
8
6
ns
tr
Rise time
25
10
ns
tf
Fall time
25
10
ns
Figure 3-3. DSP Timing in Master Mode
Copyright © 2013, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
11
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com