Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER16HD Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER16HD
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16HD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER16HD Datasheet HTML 14Page - STMicroelectronics VIPER16HD Datasheet HTML 15Page - STMicroelectronics VIPER16HD Datasheet HTML 16Page - STMicroelectronics VIPER16HD Datasheet HTML 17Page - STMicroelectronics VIPER16HD Datasheet HTML 18Page - STMicroelectronics VIPER16HD Datasheet HTML 19Page - STMicroelectronics VIPER16HD Datasheet HTML 20Page - STMicroelectronics VIPER16HD Datasheet HTML 21Page - STMicroelectronics VIPER16HD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Open loop failure protection
VIPER16
18/25
Doc ID 15232 Rev 5
15
Open loop failure protection
In case the power supply is built in fly-back topology and the VIPer16 is supplied by an
auxiliary winding, as shown in Figure 27 on page 18 and Figure 28 on page 19, the
converter is protected against feedback loop failure or accidental disconnections of the
winding.
The following description is applicable for the schematics of Figure 27 on page 18 and
Figure 28 on page 19, respectively the non-isolated fly-back and the isolated fly-back.
If RH is opened or RL is shorted, the VIPer16 works at its drain current limitation. The output
voltage, VOUT, will increase and so the auxiliary voltage, VAUX, which is coupled with the
output through the secondary-to-auxiliary turns ratio.
As the auxiliary voltage increases up to the internal VDD active clamp, VDDclamp (the value is
reported on Table 8 on page 7) and the clamp current injected on VDD pin exceeds the latch
threshold, IDDol (the value is reported on Table8 on page7), a fault signal is internally
generated.
In order to distinguish an actual malfunction from a bad auxiliary winding design, both the
above conditions (drain current equal to the drain current limitation and current higher than
IDDol through VDD clamp) have to be verified to reveal the fault.
If RL is opened or RH is shorted, the output voltage, VOUT, will be clamped to the reference
voltage VREF_FB (in case of non isolated fly-back) or to the external TL voltage reference (in
case of isolated fly-back).
Figure 27.
FB pin connection for non-isolated fly-back
V
COMPL
D
AUX
nR
FB
VDD
V
AUX
COMP
+
-
to PWM
R
L
E/A
R
H
R
R
AUX
C
VDD
V
OUT
RS
V
REF_FB
from R
SENSE
BUS
+
-
PWM stop
CS
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com