Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER16HD Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER16HD
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16HD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER16HD Datasheet HTML 11Page - STMicroelectronics VIPER16HD Datasheet HTML 12Page - STMicroelectronics VIPER16HD Datasheet HTML 13Page - STMicroelectronics VIPER16HD Datasheet HTML 14Page - STMicroelectronics VIPER16HD Datasheet HTML 15Page - STMicroelectronics VIPER16HD Datasheet HTML 16Page - STMicroelectronics VIPER16HD Datasheet HTML 17Page - STMicroelectronics VIPER16HD Datasheet HTML 18Page - STMicroelectronics VIPER16HD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
VIPER16
FB pin and COMP pin
Doc ID 15232 Rev 5
15/25
12
FB pin and COMP pin
The device can be used both in non-isolated and in isolated topology. In case of non-
isolated topology, the feedback signal from the output voltage is applied directly to the FB
pin as inverting input of the internal error amplifier having the reference voltage, VREF_FB,
see the Table 8 on page 7.
The output of the error amplifier sources and sinks the current, ICOMP, respectively to and
from the compensation network connected on the COMP pin. This signal is then compared,
in the PWM comparator, with the signal coming from the SenseFET; the power MOSFET is
switched off when the two values are the same on cycle by cycle basis. See the Figure 2 on
page 3 and the Figure 22 on page 15.
When the power supply output voltage is equal to the error amplifier reference voltage,
VREF_FB, a single resistor has to be connected from the output to the FB pin. For higher
output voltages the external resistor divider is needed. If the voltage on FB pin is
accidentally left floating, an internal pull-up protects the controller.
The output of the error amplifier is externally accessible through the COMP pin and it’s used
for the loop compensation: usually an RC network.
As reported on Figure 22 on page 15, in case of isolated power supply, the internal error
amplifier has to be disabled (FB pin shorted to GND). In this case an internal resistor is
connected between an internal reference voltage and the COMP pin, see the Figure 22 on
page 15. The current loop has to be closed on the COMP pin through the opto-transistor in
parallel with the compensation network. The VCOMP dynamics ranges is between VCOMPL
and VCOMPH as reported on Figure 23 on page 16.
When the voltage VCOMP drops below the voltage threshold VCOMPL, the converter enters
burst mode, see Section 13 on page 16.
When the voltage VCOMP rises above the VCOMPH threshold, the peak drain current will
reach its limit, as well as the deliverable output power.
Figure 22.
Feedback circuit
FB
COMP
Without Isolation:
switch open & E/A enabled
With Isolation:
switch closed & E/A disabled
No
Isolation
V
OUT
+
-
PWM stop
from R
SENSE
R
Isolation
R
L
nR
SW
V
REF
R
COMP
E/A
BUS
+
-
to PWM
V
COMPL
R
H
V
REF_FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com