| Electronic Components Datasheet Search |
|
K3HB-R Datasheet(PDF) 29 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
K3HB-R Datasheet(HTML) 29 Page - Omron Electronics LLC |
|
29 / 32 page ![]() Digital Indicators K3HB-R/-P/-C 29 Outputs Standard, zone, and level comparative output patterns can be selected for comparative outputs. Prevents comparative outputs from chattering when the measurement value fluctuates slightly near the set value. Holds the output status when a comparative result output other than PASS turns ON. Comparative results other than PASS and error signals can be output from the PASS output terminal. Delays turning OFF comparatives for a set period. This can be used to provide sufficient time to read the comparative output ON status when the comparative result changes at short intervals. Turns ON the comparative output for a specific time. Reverses the output logic of comparative results. Measurements can be stopped for a set time using an external input. Output operation can be checked without using actual input signals by using the keys to set a test measurement value. A current or voltage proportional to the change in the measurement value can be output. The comparison outputs can be kept OFF until the measurement value enters the PASS range. Display The display value can be set to the present value, the maximum value, or the minimum value. The present value display color can be set to green or red. The color of the present value can also be switched according to the comparative output. When the input changes rapidly, the display refresh period can be lengthened to control flickering and make the display easier to read. The present measurement value can be displayed as a position in relation to the scaling width on a 20-gradation position meter. The input signal can be converted and displayed as any value. Select whether or not to display the comparative value during operation. Automatically returns the display to RUN level when there are no key operations (e.g., max./min. switching, bank settings using keys). Other Holds the maximum and minimum measurement values. Switch between 8 comparative value banks using the keys on the front panel or external inputs. A set of set comparative values can be selected as a group. Any bank settings can be copied to all banks. The measured value can be recorded when the power supply is interrupted. The K3HB can be calibrated by the user. Comparative Output Pattern out-p Hysteresis hys Output Refresh Stop o-stp PASS Output Change pass Output OFF Delay off-d Shot Output shot Output Logic out-n Startup Compensation Timer s-tmr Output Test test Linear Outputs lset.c, lset.v, lset.h, lset.l Standby Sequence stdby R P C R R P R P R P C R P C R P C R R P C R P C R P Display Value Selection disp Display Color Selection color Display Refresh Period d.ref Position Meter pos-t, pos-h, pos-l Prescale ps.ax, ps.ay, ps.bx, ps.by Comparative Set Value Display sv.dsp Display auto-return ret Max./Min. Hold Bank Selection bnk-c Bank Copy copy Interruption Memory memo User Calibration R P C R P C R P C R P C R P C R P C R P C R P R P C R P C C R P C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |