Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3HB-R Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 22Page - Omron Electronics LLC K3HB-R Datasheet HTML 23Page - Omron Electronics LLC K3HB-R Datasheet HTML 24Page - Omron Electronics LLC K3HB-R Datasheet HTML 25Page - Omron Electronics LLC K3HB-R Datasheet HTML 26Page - Omron Electronics LLC K3HB-R Datasheet HTML 27Page - Omron Electronics LLC K3HB-R Datasheet HTML 28Page - Omron Electronics LLC K3HB-R Datasheet HTML 29Page - Omron Electronics LLC K3HB-R Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
Digital Indicators
K3HB-R/-P/-C
■ Component Names and Functions
UP
MODE
LEVEL
CMW
Max
L
Min
Hold
MAX/MIN
HH
H
TLL
L
HH
H
P
L
LL
SHIFT
B
MAX/MIN Key
LEVEL Key
MODE Key
SHIFT Key
UP Key
When changing a set
value, this key is used
to change the actual
value.
When a measurement
value is displayed, this
key is used to execute
or clear the forced-zero
function or to execute
teaching.
Used to change
parameter settings.
When changing a set
value, this key is used
to move along the
digits.
Used to switch the
parameters displayed.
Used to switch level.
Used to switch the
display between the
PV, maximum value,
and minimum value and
to reset the maximum
and minimum values.
PV display
SV display
Position meter
SV display status indicators
Displays PVs, maximum values,
minimum values, parameter
names, and error names.
Displays SV and monitor values.
Displays the position of the PV
with respect to a desired scale.
Indicator
Function
HH, H,
L, LL
Comparative output
status indicators
Level/bank display
Status indicators
Display
Display the status of comparative
outputs.
Turns ON when the maximum value or minimum
value is displayed in the RUN level.
In RUN level, displays the bank if the bank function is
ON. (Turns OFF if the bank function is OFF.)
In other levels, displays the current level.
Hold
CMW
Function
T
In RUN level, turn ON when the
comparative set value HH, H, L, or LL
is displayed.
Lit when communications writing is ON
(enabled) and not lit when OFF (prohibited).
Turns ON when parameters for which
teaching can be performed are
displayed.
Turns ON/OFF when hold input turns
ON/OFF.
K3HB-R
Indicator
Function
HH, H,
L, LL
In RUN level, turn ON when the
comparative set value HH, H, L, or LL
is displayed.
K3HB-P
Indicator
Function
T
5, 4, 3,
2, 1
Turns ON when parameters for which
teaching can be performed are
displayed.
In RUN level, turn ON when the
comparative set value 1, 2, 3, 4, or 5 is
displayed.
K3HB-C
Max./Min. status indicator
HH
H
TLL
L
HH
H
LL
L
54
3
T1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com