Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT715-RSC Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 74ACT715-RSC
Description  Programmable Video Sync Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715-RSC Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 74ACT715-RSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 10Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 11Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 12Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 13Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.fairchildsemi.com
10
AC Electrical Characteristics
AC Operating Requirements
Note 4: Removal of Vectored Reset or Restart to Clock.
Capacitance
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
VCC
CL = 50 pF
CL = 50 pF
Units
(V)
Min
Typ
Max
Min
Max
fMAXI
Interlaced fmax
5.0
170
190
150
MHz
(HMAX/2 is ODD)
fmax
Non-Interlaced fmax
5.0
190
220
175
MHz
(HMAX/2 is EVEN)
tPLH1
Clock to Any Output
5.0
4.0
13.0
15.5
3.5
18.5
ns
tPHL1
tPLH2
Clock to ODDEVEN
5.0
4.5
15.0
17.0
3.5
20.5
ns
tPHL2
(Scan Mode)
tPLH3
Load to Outputs
5.0
4.0
11.5
16.0
3.0
19.5
ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
(V)
Typ
Guaranteed Minimums
Control Setup Time
tsc
ADDR/DATA to LOAD
5.0
3.0
4.0
4.5
ns
tsc
L/HBYTE to LOAD
3.0
4.0
4.5
ns
Data Setup Time
tsd
D7–D0 to LOAD
+
5.0
2.0
4.0
4.5
ns
Control Hold Time
thc
LOAD
− to ADDR/DATA
5.0
0
1.0
1.0
ns
LOAD
− to L/HBYTE
0
1.0
1.0
ns
Data Hold Time
thd
LOAD
+ to D7–D0
5.0
1.0
2.0
2.0
ns
trec
LOAD
+ to CLK (Note 4)
5.0
5.5
7.0
8.0
ns
Load Pulse Width
twld−
LOW
5.0
3.0
5.5
5.5
ns
twld+
HIGH
5.0
3.0
5.0
7.5
ns
twclr
CLR Pulse Width HIGH
5.0
5.5
6.5
9.5
ns
twck
CLOCK Pulse Width
5.0
2.5
3.0
3.5
ns
(HIGH or LOW)
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
7.0
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
17.0
pF
VCC = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com