Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT715-RSC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACT715-RSC
Description  Programmable Video Sync Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715-RSC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACT715-RSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
www.fairchildsemi.com
FIGURE 2. Vertical Waveform Specification
FIGURE 3. Equalization/Serration Interval Programming
HORIZONTAL AND VERTICAL GATING SIGNALS
Horizontal Drive and Vertical Drive outputs can be utilized
as general purpose Gating Signals. Horizontal and Vertical
Gating Signals are available for use when Composite Sync
and Blank signals are selected and the value of Bit 2 of the
Status Register is 0. The Vertical Gating signal will change
in the same manner as that specified for the Vertical Blank.
Horizontal Gating Signal Width
= [REG(16) − REG(15)] ×
ckper
Vertical Gating Signal Width:
= [REG(18) − REG(17)] ×
hper
CURSOR POSITION AND VERTICAL INTERRUPT
The Cursor Position and Vertical Interrupt signal are avail-
able when Composite Sync and Blank signals are selected
and Bit 2 of the Status Register is set to the value of 1. The
Cursor Position generates a single pulse of n clocks wide
during every line that the cursor is specified. The signals
are generated by logically ORing (ANDing) the active LOW
(HIGH) signals specified by the registers used for generat-
ing Horizontal and Vertical Gating signals. The Vertical
Interrupt signal generates a pulse during the vertical inter-
val specified. The Vertical Interrupt signal will change in the
same manner as that specified for the Vertical Blanking sig-
nal.
Horizontal Cursor Width
= [REG(16) − REG(15)] × ckper
Vertical Cursor Width
= [REG(18) − REG(17)] × hper
Vertical Interrupt Width
= [REG(14) − REG(13)] × hper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com