Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPTS-R Datasheet(PDF) 17 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTS-R
Description  Polymeric PTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTS-R Datasheet(HTML) 17 Page - MERITEK ELECTRONICS CORPORATION

Back Button MPTS-R Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 16Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 17Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 18Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 19Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 20Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Electrical Characteristics (23ºC)
MPTS2920
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Max Time to Trip
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX,Vdc
IMAX, A
Pd, W
A
Sec
Ω
Ω
MPTS2920L030R
0.30
0.60
60
10
1.5
1.5
3.0
1.000
4.800
MPTS2920L050R
0.50
1.00
60
10
1.5
2.5
4.0
0.300
1.400
MPTS2920L075R
0.75
1.50
33
40
1.5
8.0
0.3
0.180
1.000
MPTS2920L100R
1.10
2.20
33
40
1.5
8.0
0.5
0.090
0.410
MPTS2920L125R
1.25
2.50
33
40
1.5
8.0
2.0
0.050
0.250
MPTS2920L150R
1.50
3.00
33
40
1.5
8.0
2.0
0.050
0.230
MPTS2920L185R
1.85
3.70
33
40
1.5
8.0
2.5
0.040
0.150
MPTS2920L200R
2.00
4.00
16
40
1.5
8.0
4.5
0.035
0.120
MPTS2920L250R
2.50
5.00
16
40
1.5
8.0
16.0
0.025
0.085
MPTS2920L260R
2.60
5.20
6
40
1.5
8.0
20.0
0.020
0.075
MPTS2920L300R
3.00
5.20
6
40
1.5
8.0
25.0
0.010
0.048
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air
environment.
RMIN=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
MPTS Series
Polymeric PTC
Rev.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com