Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTK Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # HTK
Description  Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HTK Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  HTK Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HTK Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HTK Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
HTK Series
(Wide Temperature Range)
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
63
100
Item
DxL
R.C.
DxL
R.C.
0.1
5x11
6
0.22
5x11
9
0.33
5x11
11
0.47
5x11
13
1
5x11
19
2.2
5x11
28
3.3
5x11
34
4.7
5x11
41
10
5x11
55
6.3x11
65
22
5x11
80
6.3x11
100
33
6.3x11
110
8x11.5
140
47
6.3x11
130
10x12.5
180
100
10x12.5
240
10x20
320
220
10x16
390
12.5x25
560
330
10x20
520
12.5x25
690
470
12.5x20
670
16x25
830
1000
16x25
1080
18x40
1580
2200
22x50
2590
All blank voltage on sleeve marking is the same voltage as “
” point to.
Cap.
(uF)
V
160
200
250
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.47
6.3x11
12
6.3x11
13
6.3x11
14
1
6.3x11
18
6.3x11
19
6.3x11
21
2.2
6.3x11
26
6.3x11
28
6.3x11
31
3.3
6.3x11
32
6.3x11
34
8x11.5
44
4.7
6.3x11
38
8x11.5
48
8x11.5
50
10
8x11.5
65
10x12.5
75
10x16
90
22
10x16
110
10x20
130
12.5x20
160
33
10x20
150
12.5x20
180
12.5x20
190
47
12.5x20
190
12.5x20
210
12.5x25
250
100
12.5x25
310
16x25
340
16x31.5
410
220
16x35.5
540
18x40
660
330
18x40
750
470
22x40
1000
1000
25x50
1730
Cap.
(uF)
V
350
400
450
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.47
8x11.5
14
8x11.5
15
10x12.5
15
1
8x11.5
21
8x11.5
21
10x12.5
22
2.2
8x11.5
31
10x12.5
33
10x20
39
3.3
10x12.5
39
10x12.5
41
12.5x20
50
4.7
10x12.5
47
10x16
55
12.5x20
60
10
10x20
85
12.5x20
90
16x25
100
22
12.5x25
150
12.5x25
150
16x31.5
160
33
16x25
180
16x31.5
210
18x35.5
230
47
16x35.5
250
18x35.5
280
100
18x40
410
20x40
450
220
22x50
760
Case size
: DxL
(mm)
Max. ripple current
: mA(rms)
105
C 120Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com