Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTK Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # HTK
Description  Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HTK Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  HTK Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HTK Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HTK Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
HTK Series
(Wide Temperature Range)
DIMENSIONS (mm)
D
5
6.3
8
10 12.5 16
18
20
22
25
F
2.0
2.5
3.5
5.0
5.0
7.5
7.5 10.0 10.0 12.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
1.0
1.0
1.5
1.5
1.5
1.5
1.5
1.5
1.5
2.0
2.0
2.0
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
47
5x11
90
100
5x11
110
5x11
120
5x11
130
220
5x11
160
5x11
180
6.3x11
220
330
6.3x11
220
6.3x11
250
8x11.5
310
470
6.3x11
270
6.3x11
290
8x11.5
370
1000
8x11.5
460
10x12.5
530
10x16
630
2200
10x16
760
10x20
910
12.5x20
1050
3300
10x20
990
12.5x20
1140
12.5x25
1340
4700
12.5x20
1200
12.5x25
1420
16x25
1510
6800
12.5x25
1500
16x25
1600
16x31.5
1860
10000
16x25
1660
16x35.5
2040
18x35.5
2270
15000
16x35.5
2140
18x35.5
2370
20x40
2550
22000
18x40
2590
20x40
2830
22x50
3380
33000
22x50
3390
22x50
3470
25x50
3790
Cap.
(uF)
V
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.1
5x11
5
0.22
5x11
8
0.33
5x11
10
0.47
5x11
12
1
5x11
17
2.2
5x11
25
3.3
5x11
31
4.7
5x11
36
10
5x11
43
5x11
49
5x11
55
22
5x11
65
5x11
70
5x11
80
33
5x11
80
5x11
90
5x11
95
47
5x11
95
5x11
110
6.3x11
130
100
6.3x11
160
6.3x11
170
8x11.5
220
220
8x11.5
270
8x11.5
300
10x12.5
350
330
8x11.5
330
10x12.5
390
10x16
480
470
10x12.5
420
10x16
520
10x20
630
1000
10x20
740
12.5x20
890
12.5x25
1070
2200
12.5x25
1220
16x25
1350
16x35.5
1700
3300
16x25
1420
16x35.5
1810
18x35.5
2060
4700
16x31.5
1740
18x35.5
2110
6800
18x35.5
2170
10000
20x40
2610
15000
22x50
3270
22000
25x50
3690
Case size
: DxL
(mm)
Max. ripple current
: mA(rms)
105
C 120Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com