| Electronic Components Datasheet Search |
|
Wi.232FHSS-25-FCC-R Datasheet(PDF) 46 Page - Radiometrix Ltd |
|
|
|||||||||||||||||||||||||||||
Wi.232FHSS-25-FCC-R Datasheet(HTML) 46 Page - Radiometrix Ltd |
|
46 / 67 page ![]() WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET 45 Revision 1.1.0 4.1.25. User ID Mask[0] (regUSERIDMASK[0]) regNVUSERIDMASK[0] (0x1A) regUSERIDMASK[0] (0x65) R/W R/W R/W R/W R/W R/W R/W R/W D7 D6 D5 D4 D3 D2 D1 D0 7 6 5 4 3 2 1 0 Default User ID Mask[0]: 0xFF When extended-user addressing is invoked, this register holds the least significant byte of the 32-bit user- extended address mask and is used in conjunction with User ID Mask[3-1] to form the complete address mask; when user addressing is invoked, this register holds the least significant byte of the 16-bit user address mask and is used in conjunction with the User ID Mask[1] register to form the complete address mask. For more information on the operation of addressing modes, please refer to the Addressing Modes section of this document. 4.1.26. Destination GUID[3] (regDESTGUID[3]) regNVDESTGUID[3] (0x1D) regDESTGUID[3] (0x68) R/W R/W R/W R/W R/W R/W R/W R/W D7 D6 D5 D4 D3 D2 D1 D0 7 6 5 4 3 2 1 0 Default Destination GUID[3]: 0xFF When MAC addressing is invoked, this register holds the most significant byte of the 32-bit destination GUID. This register is used in conjunction with Destination GUID[2-0] registers to make up the module’s 32-bit destination GUID. For more information on the operation of addressing modes, please refer to the Addressing Modes section of this document. 4.1.27. Destination GUID[2] (regDESTGUID[2]) regNVDESTGUID[2] (0x1E) regDESTGUID[2] (0x69) R/W R/W R/W R/W R/W R/W R/W R/W D7 D6 D5 D4 D3 D2 D1 D0 7 6 5 4 3 2 1 0 Default Destination GUID[2]: 0xFF When MAC addressing is invoked, this register holds byte 2 of the 32-bit destination GUID. This register is used in conjunction with Destination GUID[3] and Destination GUID[1-0] registers to make up the module’s 32-bit destination GUID. For more information on the operation of addressing modes, please refer to the Addressing Modes section of this document. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |