| Electronic Components Datasheet Search |
|
Wi.232FHSS-25-FCC-R Datasheet(PDF) 44 Page - Radiometrix Ltd |
|
|
|||||||||||||||||||||||||||||
Wi.232FHSS-25-FCC-R Datasheet(HTML) 44 Page - Radiometrix Ltd |
|
44 / 67 page ![]() WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET 43 Revision 1.1.0 4.1.19. User Source ID[2] (regUSERSRCID[2]) regNVUSERSRCID[2] (0x14) regUSERSRCID[2] (0x5F) R/W R/W R/W R/W R/W R/W R/W R/W D7 D6 D5 D4 D3 D2 D1 D0 7 6 5 4 3 2 1 0 Default User Source ID[2]: 0xFF When user-extended addressing is selected, this register holds byte 2 of the 32-bit user-extended source address. When Extended User addressing is invoked, this register is used in conjunction with User Source Address [3] and User Source Address [1-0] registers to make up the module’s 32-bit extended-user source address. For more information on the operation of addressing modes, please refer to the Addressing Modes section of this document. 4.1.20. User Source ID[1] (regUSERSRCID[1]) regNVUSERSRCID[1] (0x15) regUSERSRCID[1] (0x60) R/W R/W R/W R/W R/W R/W R/W R/W D7 D6 D5 D4 D3 D2 D1 D0 7 6 5 4 3 2 1 0 Default User Source ID[1]: 0xFF When user-extended addressing is selected, this register holds byte 1 of the 32-bit extended-user source address; when user addressing is selected, this register holds the most significant byte of the 16-bit user source address. When extended-user addressing is selected, this register is used in conjunction with User Source Address[3-2] and User Source Address[0] registers to make up the module’s 32-bit user-extended source address. When user addressing is selected, this register is used in conjunction with the User Source Address[0] register to make up the module’s 16-bit user source address. For more information on the operation of addressing modes, please refer to the Addressing Modes section of this document. 4.1.21. User Source ID[0] (regUSERSRCID[0]) regNVUSERSRCID[0] (0x16) regUSERSRCID[0] (0x61) R/W R/W R/W R/W R/W R/W R/W R/W D7 D6 D5 D4 D3 D2 D1 D0 7 6 5 4 3 2 1 0 Default User Source ID[0]: 0xFF When extended-user addressing is selected, this register holds the least significant byte (byte 0) of the 32- bit user-extended source address; when user addressing is selected, this register holds the least significant byte of the 16-bit user address. When extended-user addressing is selected, this register is used in conjunction with User Source Address[3-1] registers to make up the module’s 32-bit user-extended source address. When user addressing is selected, this register is used in conjunction with the User Source Address[1] register to make up the module’s 16-bit user source address. For more information on the operation of addressing modes, please refer to the Addressing Modes section of this document. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |