Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8716SEDS/V Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8716SEDS/V
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716SEDS/V Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8716SEDS/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8716SEDS/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8716SEDS/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8716SEDS/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8716SEDS/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8716SEDS/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8716SEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8716SEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8716SEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
w
WM8716
High Performance 24-bit, 192kHz Stereo DAC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, August 2008, Rev 4.2
©2008 Wolfson Microelectronics plc
DESCRIPTION
The WM8716 is a high performance stereo DAC designed
for audio applications such as CD, DVD, home theatre
systems, set top boxes and digital TV. The WM8716
supports data input word lengths from 16 to 24-bits and
sampling rates up to 192kHz. The WM8716 consists of a
serial interface port, digital interpolation filter, multi-bit sigma
delta modulator and stereo DAC in a small 28-lead SSOP
package. The WM8716 also includes a digitally controllable
mute and attenuator function on each channel.
The internal digital filter has two selectable roll-off
characteristics. A sharp or slow roll-off can be selected
dependent on application requirements. Additionally, the
internal digital filter can be by-passed and the WM8716
used with an external digital filter.
The WM8716 supports two connection schemes for audio
DAC control. The SPI-compatible serial control port
provides access to a wide range of features including on-
chip mute, attenuation and phase reversal. A hardware
controllable interface is also available.
FEATURES
112dB SNR (‘A’ weighted @ 48kHz), THD: -97dB @
-1dB FS
Sampling frequency: 8kHz to 192kHz
Selectable digital filter roll-off
Optional interface to industry standard external filters
Differential mono mode
Input data word: 16 to 24-bit
Hardware or SPI compatible serial port control modes:
Hardware mode: mute, de-emphasis, audio format
control
Serial mode: mute, de-emphasis, attenuation (256
steps), phase reversal
Compatible upgrade to PCM1716
APPLICATIONS
CD, DVD audio
Home theatre systems
Set top boxes
Digital TV
BLOCK DIAGRAM


Similar Part No. - WM8716SEDS/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8716SEDS/R WOLFSON-WM8716SEDS/R Datasheet
334Kb / 27P
High Performance 24-bit, 192kHz Stereo DAC
More results

Similar Description - WM8716SEDS/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716 Datasheet
351Kb / 21P
High Performance 24-bit, 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740 Datasheet
344Kb / 20P
24-bit, High Performance 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_06 Datasheet
334Kb / 27P
High Performance 24-bit, 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_04 Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
logo
Cirrus Logic
WM8716 CIRRUS-WM8716 Datasheet
507Kb / 26P
High Performance 24-bit, 192kHz Stereo DAC
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com