Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA321 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 33Page - STMicroelectronics STA321 Datasheet HTML 34Page - STMicroelectronics STA321 Datasheet HTML 35Page - STMicroelectronics STA321 Datasheet HTML 36Page - STMicroelectronics STA321 Datasheet HTML 37Page - STMicroelectronics STA321 Datasheet HTML 38Page - STMicroelectronics STA321 Datasheet HTML 39Page - STMicroelectronics STA321 Datasheet HTML 40Page - STMicroelectronics STA321 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 157 page
background image
STA321
Digital processing stage
Doc ID 15351 Rev 3
37/157
6.3.1
Presets
By default, each mixer output is connected to its corresponding input without any attenuation
and without any mixing with the other channels:
ch0_out = ch0_in, ch1_out = ch1_in, ch2_out = ch2_in, ch3_out = ch3_in.
6.4
Pre scaler
The pre scale block, which precedes the first biquad, could be used to attenuate the input
signal when the filters of the processing chain have a gain that could reach the clamping
value.
Each channel has a dedicated 24-bit signed multiplier in the range -1 (0x800000) to almost
+1 (0x7FFFFF).
6.4.1
Presets
By default, all pre-scale factors are set to 0x7FFFFF
6.5
Equalization, tone control and effects
Figure 18.
EQ/tone block diagram
Four channels of input data are fed to the EQ processing block which provides 13
user-programmable biquad filters per channel as shown in Figure 18 above.
A description of the biquad programming is given in Section 6.14 on page 44.
Some filter coefficients are pre-programmed and stored in the non-volatile memory in order
to supply particular EQ effects (see Figure 19 and Table 20 on page 38).
The selection of RAM, ROM bass/treble or ROM effects is made using registers
EFFS_EN_CHn on page 109 for the effects and BASS_SELn_R on page 111 and
TREB_SELn_R on page 113 for the bass/treble. Each biquad can be configured
independently.
Biquad
00
Biquad
07
Reserved
RAM
From
prescaler
Biquad
09
RAM
Deemph.
Biquad
10
RAM
Reserved
RAM
Treble
RAM
Bass
Biquad
08
High
pass
RAM
To
delay stage
Biquad
11
Biquad
12
Reserved
RAM
effects_en[0]
effects_en[1]
Reserved
treb_sel
bass_sel
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com