Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA321 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 19Page - STMicroelectronics STA321 Datasheet HTML 20Page - STMicroelectronics STA321 Datasheet HTML 21Page - STMicroelectronics STA321 Datasheet HTML 22Page - STMicroelectronics STA321 Datasheet HTML 23Page - STMicroelectronics STA321 Datasheet HTML 24Page - STMicroelectronics STA321 Datasheet HTML 25Page - STMicroelectronics STA321 Datasheet HTML 26Page - STMicroelectronics STA321 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 157 page
background image
STA321
Power-up and power-down sequences
Doc ID 15351 Rev 3
23/157
4.3
Hardware power-down mode
The hardware power-down is obtained by asserting pin STBY to high.
There are two power-down options available, namely mild mode and full (or deep) mode,
that could be selected using the DC_STBY_EN signal in register STBY_MODES
Figure 8 summarizes the main power-down sequence. “Power on” is the normal operating
status where all the startup procedures have already been executed. The rectangular boxes
indicate the steps to be done by the user whilst the rounded boxes indicate the steps done
by the device.
Figure 8.
Hardware power-done sequence
Power-down mode
YES
NO
CMP_EN_N = 1 ?
Comp Cell Pwdn
NO
DC_STBY_EN = 1 ?
YES
DC Reg. Stby
Embedded amp.
CMOS bridge
Powerdown
Power on
Pin STBY <= 1'
CLK_I2C off
CLK Core off
CLK_ADC off
PLL power down
I
2C programming
register
STBY_MODES
bits:
CMP_EN_N
DC_STBY_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com