Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPMC1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 35Page - STMicroelectronics STPMC1 Datasheet HTML 36Page - STMicroelectronics STPMC1 Datasheet HTML 37Page - STMicroelectronics STPMC1 Datasheet HTML 38Page - STMicroelectronics STPMC1 Datasheet HTML 39Page - STMicroelectronics STPMC1 Datasheet HTML 40Page - STMicroelectronics STPMC1 Datasheet HTML 41Page - STMicroelectronics STPMC1 Datasheet HTML 42Page - STMicroelectronics STPMC1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
39/77
Example 12: Phase delay calculation
fXTAL1 = 4 MHz; MDIV = 0; FR1 = 0
f
MCLK = 8 MHz
fLINE = 50 Hz
T = 20 ms;
ACR[7:0] = 0101 1010
ACS[7:0] = 0010 0000
ACT[7:0] = 0000 0101
Asr[12] = 0
Asr[10:0] = 000 0101 00102 = 82
Art[12] = 0
Art[10:0] = 000010110102 = 90
Example 13: Phase delay calculation
fXTAL1 = 4 MHz; MDIV = 0; FR1 = 0
f
MCLK = 8 MHz
fLINE = 50 Hz
T = 20 ms;
ACR[7:0] = 1011 0011
ACS[7:0] = 0011 1111
ACT[7:0] = 0000 0101
Asr[12] = 0
Asr[10:0] = 000 0101 00112 = 83
Art[12] = 1
Art[10:0] = 111 1011 00112 = 1971
[]
() []
()
°
+
=
°
μ
μ
+
=
+
=
+
=
5
,
1
360
ms
20
s
82
s
82
10
8
8
1
2
0
0000101001
MCLK
8
1
2
0
:
10
Asr
time
6
0
11
2
12
Asr
11
Asr
[]
() []
()
°
+
=
°
μ
μ
+
=
+
=
+
=
6
,
1
360
ms
20
s
90
s
90
10
8
8
1
2
0
0000101101
MCLK
8
1
2
0
:
10
Art
time
6
0
11
2
12
Art
11
Art
[]
() []
()
°
+
=
°
μ
μ
+
=
+
=
+
=
5
,
1
360
ms
20
s
83
s
83
10
8
8
1
2
1
0000101001
MCLK
8
1
2
0
:
10
Asr
time
6
0
11
2
12
Asr
11
Asr
[]
() []
()
°
=
°
μ
μ
=
+
=
+
=
4
,
1
360
ms
20
s
76
s
76
10
8
8
1
2
1
1111011001
MCLK
8
1
2
0
:
10
Art
time
6
1
11
2
12
Art
11
Art



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com