Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPMC1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 17Page - STMicroelectronics STPMC1 Datasheet HTML 18Page - STMicroelectronics STPMC1 Datasheet HTML 19Page - STMicroelectronics STPMC1 Datasheet HTML 20Page - STMicroelectronics STPMC1 Datasheet HTML 21Page - STMicroelectronics STPMC1 Datasheet HTML 22Page - STMicroelectronics STPMC1 Datasheet HTML 23Page - STMicroelectronics STPMC1 Datasheet HTML 24Page - STMicroelectronics STPMC1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
21/77
The calculator, thanks to its flexibility, can work in all worldwide distribution network
standards. By programming the SYS OTP bits, it is possible to implement the following
systems:
3-phase, 4-wire RSTN, 4-system RSTN (tamper);
3-phase, 4-wire RSTN, 3-system RST;
3-phase, 3-wire RST_, 3-system RST_ (tamper);
3-phase, 3-wire RST_, 2-system R_T_ (Aron);
2-phase, 3-wire _STN, 2-system _ST_ (America);
1-phase, 2-wire __TN, 2-system _ST_ (tamper coil:coil);
1-phase, 2-wire __TN, 2-system _ST_ (tamper coil:shunt);
1-phase, 2-wire __TN, 1-system __T_.
The results of all DSP units are available as pulse frequency on pin LED, MOP and MON,
which can also drive a stepper counter, and as states on the digital outputs of device or as
data bits in data records, which can be read from the device by means of SPI interface from
pins SDA, SNC, SCL and SYN. This system bus interface is also used during temporary or
permanent programming OTP bits and system signals or to execute a remote reset request.
A logic block common to all DSP units performs other operations like:
selecting the valid phase period result from which line frequency is computed in NDSP
unit
checking the equality of phase angles between all three phase voltages
preparing current values for compensation of external intermediate phase magnetic
influences
checking the sum of currents
computing intermediate phase voltages
combining the 3-phase status bits
performing a watchdog user function
After the device is fully tested, configured and calibrated, a dedicated bit of the OTP block,
called TSTD, can be written permanently in order to prevent the change of any configuration
bit.
9.2
Power supply
The supply pins for the analog part are VCC and VSS. The VCC is the power input of the 1.8
V low drop regulator, band-gap reference and bias generators.
From the VCC pin a linear regulator generates the +1.8 V voltage supply level (VDD) which is
used to power the OTP module and digital core. The VSS pin represents the reference point
for all the internal signals. 100 nF low ESR capacitors should be connected between VCC
and VSS, and 1 µF between VDD and VSSA. All these capacitors must be placed very close
to the device.
The STPMC1 contains a power on reset (POR) detection circuit. If the VCC supply is less
than 2.5 V then the STPMC1 goes into an inactive state, all the functions are blocked
asserting a reset condition. This is useful to ensure correct device operation at power-up
and during power-down. The power supply monitor has built-in hysteresis and filtering,
which gives a high degree of immunity from false triggering due to noisy supplies.
A bandgap voltage reference (VBG) of 1.23 V ±1% is used as a reference voltage level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com