Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2108ACT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # RN2108ACT
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2108ACT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  RN2108ACT Datasheet HTML 1Page - Toshiba Semiconductor RN2108ACT Datasheet HTML 2Page - Toshiba Semiconductor RN2108ACT Datasheet HTML 3Page - Toshiba Semiconductor RN2108ACT Datasheet HTML 4Page - Toshiba Semiconductor RN2108ACT Datasheet HTML 5Page - Toshiba Semiconductor RN2108ACT Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RN2107ACT~RN2109ACT
2010-04-06
4
hFE - IC
10
100
1000
-1
-10
-100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = -5V
25
-25
VCE (sat) - IC
-0.01
-0.1
-1
-1
-10
-100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
IC / IB = 20
25
-25
Ta=100°C
Ta=100°C
RN2107ACT
RN2107ACT
hFE - IC
10
100
1000
-1
-10
-100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = -5V
25
-25
VCE (sat) - IC
-0.01
-0.1
-1
-1
-10
-100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
IC / IB = 20
25
-25
hFE- IC
10
100
1000
-1
-10
-100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = -5V
25
-25
VCE (sat) - IC
-0.01
-0.1
-1
-1
-10
-100
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
IC / IB = 20
25
-25
Ta=100°C
Ta=100°C
RN2108ACT
RN2108ACT
Ta=100°C
Ta=100°C
RN2109ACT
RN2109ACT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com