Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETE2008 Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 15Page - Texas Instruments TNETE2008 Datasheet HTML 16Page - Texas Instruments TNETE2008 Datasheet HTML 17Page - Texas Instruments TNETE2008 Datasheet HTML 18Page - Texas Instruments TNETE2008 Datasheet HTML 19Page - Texas Instruments TNETE2008 Datasheet HTML 20Page - Texas Instruments TNETE2008 Datasheet HTML 21Page - Texas Instruments TNETE2008 Datasheet HTML 22Page - Texas Instruments TNETE2008 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
non-data MAC-to-PHY and PHY-to-MAC control exchanges
Figure 9 shows the control information exchange for the case where the MAC is forcing the configuration of the
link. In this case the link is established by link pulse detection and is configured as specified by the MAC. The
TNETE2008 latches the final values just before IFLINK asserts. The force configuration mode should be used
only when the abilities of the link partner are known or set to be the same as those forced. Failure to do this could
result in an incompatibly configured link, e.g., TNETE2008 full duplex and link partner half duplex.
IFLINK going low or any transition on IFFORCEHD can trigger renegotiation. If a new trigger occurs before a
negotiation completes, the process starts over at the beginning of an enforced 1.2-s wait. At the end of an
undisturbed 1.2-s wait, the state of IFFORCEHD and IFTXD3–IFTXD0 determines the modes advertised to the
link partner. IFFORCEHD low commands half duplex; only IFFORCEHD high allows the value clocked from
IFTXD0 to determine duplex mode. In the force configuration mode, IFTXD0 alone determines the duplex mode
for the next time link is established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com