Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETE2008 Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 13Page - Texas Instruments TNETE2008 Datasheet HTML 14Page - Texas Instruments TNETE2008 Datasheet HTML 15Page - Texas Instruments TNETE2008 Datasheet HTML 16Page - Texas Instruments TNETE2008 Datasheet HTML 17Page - Texas Instruments TNETE2008 Datasheet HTML 18Page - Texas Instruments TNETE2008 Datasheet HTML 19Page - Texas Instruments TNETE2008 Datasheet HTML 20Page - Texas Instruments TNETE2008 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
non-data MAC-to-PHY and PHY-to-MAC control exchanges
Autonegotiation parameters can be sent to the TNETE2008 by the MAC and the results of the link negotiation
reported to the MAC using the multiplexed data pins during non-network data time (IFLINK = 0). This signaling
system also allows the MAC to force the configuration of the TNETE2008 duplex and pause modes to those
it requested.
When IFLINK and IFTXEN are deasserted, duplex, pause, speed, and force configuration information is
transferred from MAC to TNETE2008 on terminals IFTXD0, IFTXD1, IFTXD2, and IFTXD3, respectively.
When IFLINK and IFRXDV are deasserted, duplex, pause, and speed information is transferred from
TNETE2008 to MAC on terminals IFRXD0, IFRXD1, and IFRXD2, respectively.
Figure 8 shows the control information exchange for the case where the MAC is not forcing the configuration
of the link. In this case, the link configuration is determined by autonegotiation. The TNETE2008 latches the
final requested values just before FLP exchange commences. The diagrams show only one channel; for clarity,
time slices from other PHYs are not shown interspersed with the sample channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com