Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54353MPWPREP Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54353MPWPREP
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54353MPWPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54353MPWPREP Datasheet HTML 9Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 10Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 11Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 12Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 13Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 14Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 15Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 16Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Deadtime Control
Low-Side Gate Driver (LSG)
Integrated Pulldown MOSFET
L(H) +
VO
1 *
VO
VI
ƒs 0.6
(7)
Thermal Shutdown
Overcurrent Protection
T
HICCUP
(ms) +
2250
ƒs (kHz)
(8)
TPS54352-EP
,, TPS54353-EP,, TPS54354-EP
TPS54355-EP
, TPS54356-EP, TPS54357-EP
www.ti.com ....................................................................................................................................................... SLVS684A – JANUARY 2007 – REVISED JULY 2009
Adaptive dead-time control prevents shoot-through current from flowing in the integrated high-side MOSFET and
the external low-side MOSFET during the switching transitions by actively controlling the turn-on times of the
drivers. The high-side driver does not turn on until the voltage at the gate of the low-side MOSFET is below 1 V.
The low-side driver does not turn on until the voltage at the gate of the high-side MOSFET is below 1 V.
LSG is the output of the low-side gate driver. The 100-mA MOSFET driver is capable of providing gate drive for
most popular MOSFETs suitable for this application. Use the SWIFT Designer Software Tool to find the most
appropriate MOSFET for the application. Connect the LSG pin directly to the gate of the low-side MOSFET. Do
not use a gate resistor, as the resulting turn-on time may be too slow.
The TPS5435x has a diode-MOSFET pair from PH to PGND. The integrated MOSFET is designed for light-load
continuous-conduction-mode operation when only an external Schottky diode is used. The combination of
devices keeps the inductor current continuous under conditions where the load current drops below the inductor's
critical current. Care should be taken in the selection of inductor in applications using only a low-side Schottky
diode. Since the inductor ripple current flows through the integrated low-side MOSFET at light loads, the
inductance value should be selected to limit the peak current to less than 0.3 A during the high-side FET turn-off
time. The minimum value of inductance is calculated using the following equation:
The device uses the thermal shutdown to turn off the MOSFET drivers and controller if the junction temperature
exceeds 165°C. The device is restarted automatically when the junction temperature decreases to 7°C below the
thermal shutdown trip point and starts up under control of the slow-start circuit.
Overcurrent protection is implemented by sensing the drain-to-source voltage across the high-side MOSFET and
compared to a voltage level that represents the overcurrent threshold limit. If the drain-to-source voltage exceeds
the overcurrent threshold limit for more than 100 ns, the ENA pin is pulled low, the high-side MOSFET is
disabled, and the internal digital slow-start is reset to 0 V. ENA is held low for approximately the time that is
calculated by the following equation:
Once the hiccup time is complete, ENA is released and the converter initiates the internal slow start.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS54352-EP TPS54353-EP TPS54354-EP TPS54355-EP TPS54356-EP TPS54357-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com