Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54353MPWPREP Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54353MPWPREP
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54353MPWPREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54353MPWPREP Datasheet HTML 2Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 3Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 4Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 5Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 9Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TPS54352-EP
,, TPS54353-EP,, TPS54354-EP
TPS54355-EP
, TPS54356-EP, TPS54357-EP
SLVS684A – JANUARY 2007 – REVISED JULY 2009 ....................................................................................................................................................... www.ti.com
Electrical Characteristics (continued)
TJ = –55°C to 125°C, VIN = 4.5 V to 20 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Limit
Current limit
VIN = 12 V
3.3
4.5
6.5
A
Current-limit hiccup time(2)
fs = 500 kHz
4.5
ms
Thermal Shutdown
Thermal-shutdown trip point(2)
165
°C
Thermal-shutdown hysteresis(2)
7
°C
Low-Side MOSFET Driver (LSG)
Turn-on rise time, (10/90%)(2)
VIN = 4.5 V, Capacitive load = 1000 pF
15
ns
Deadtime
VIN = 12 V
60
ns
VIN = 4.5 V sink/source
7.5
Driver ON resistance
Ω
VIN = 12 V sink/source
5
Output Power MOSFETS (PH)
Phase-node voltage when disabled
DC coinditions and no load, ENA = 0 V
0.5
V
VIN = 4.5 V, Idc = 100 mA
1.13
1.42
Voltage drop, low-side FET and diode
V
VIN = 12 V, Idc = 100 mA
1.08
1.38
VIN = 4.5 V, BOOT-PH = 4.5 V, IO = 0.5 A
150
300
rDS(ON)
High-side power MOSFET switch(3)
m
Ω
VIN = 12 V, BOOT-PH = 8V, IO = 0.5 A
100
200
(2)
Specified by design, not production tested
(3)
Resistance from VIN to PH pins
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS54352-EP TPS54353-EP TPS54354-EP TPS54355-EP TPS54356-EP TPS54357-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com