Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZ8V2LP3 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # GDZ8V2LP3
Description  ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GDZ8V2LP3 Datasheet(HTML) 3 Page - Diodes Incorporated

  GDZ8V2LP3 Datasheet HTML 1Page - Diodes Incorporated GDZ8V2LP3 Datasheet HTML 2Page - Diodes Incorporated GDZ8V2LP3 Datasheet HTML 3Page - Diodes Incorporated GDZ8V2LP3 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GDZ5V1LP3 - GDZ8V2LP3
Document number: DS35065 Rev. 12 - 2
3 of 4
www.diodes.com
February 2012
© Diodes Incorporated
GDZ5V1LP3 - GDZ8V2LP3
0
5
10
15
20
02
4
6
8
10
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
8V2LP3
5V1LP3
7V5LP3
6V2LP3
6V8LP3
1
10
100
1.5
2
2.5
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics - GDZ5V1LP3
R
0
5
10
15
20
01
2
3
4
5
V , REVERSE VOLTAGE (V)
R
Fig. 5 Typical Total Capacitance
f = 1MHz
Package Outline Dimensions
X3-DFN0603-2
Dim
Min
Max
Typ
A
0.27
0.35
0.30
A1
0.00
0.03
0.02
b
0.19
0.29
0.24
D
0.595
0.645
0.62
E
0.295
0.345
0.32
e
-
-
0.355
L
0.14
0.24
0.19
All Dimensions in mm
L (2x)
E
b (2x)
D
A1 (2x)
A
e



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com