Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZ8V2LP3 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # GDZ8V2LP3
Description  ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GDZ8V2LP3 Datasheet(HTML) 2 Page - Diodes Incorporated

  GDZ8V2LP3 Datasheet HTML 1Page - Diodes Incorporated GDZ8V2LP3 Datasheet HTML 2Page - Diodes Incorporated GDZ8V2LP3 Datasheet HTML 3Page - Diodes Incorporated GDZ8V2LP3 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GDZ5V1LP3 - GDZ8V2LP3
Document number: DS35065 Rev. 12 - 2
2 of 4
www.diodes.com
February 2012
© Diodes Incorporated
GDZ5V1LP3 - GDZ8V2LP3
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
TA = 25°C
PD
250
mW
Thermal Resistance, Junction to Ambient Air (Note 5) TA = 25°C
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Type
Number
Marking
Code
Zener Voltage Range
(Note 6)
Maximum
Reverse
Current
(Note 6)
VZ @ IZT
IZT
IR
@ VR
Nom (V)
Min (V)
Max (V)
mA
uA
V
GDZ5V1LP3
KM
5.1
4.840
5.370
5
0.2
2.0
GDZ5V6LP3
KN
5.6
5.310
5.920
5
1.0
2.5
GDZ6V0LP3
KW
6.0
5.676
6.324
5
1.0
2.8
GDZ6V2LP3
KO, KS
6.2
5.860
6.530
5
1.0
3.0
GDZ6V8LP3
KT
6.8
6.470
7.140
5
0.5
3.5
GDZ7V5LP3
KQ
7.5
7.060
7.840
5
0.5
4.0
GDZ8V2LP3
KX
8.2
7.760
8.640
5
0.5
5.0
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout, as shown in Diodes Incorporated’s Suggested Pad Layout document, which can
be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
0
0.05
0.10
0.15
0.20
0.25
0.30
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
Note 5
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com