Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE24C02-S/P Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SLE24C02-S/P
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLE24C02-S/P Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SLE24C02-S/P Datasheet HTML 1Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 2Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 3Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 4Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 5Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 6Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 7Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 8Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
P-DIP-8-4
P-DSO-8-3
1/2 Kbit (128/256
× 8bit) Serial CMOS
EEPROMs, I2C Synchronous 2-Wire Bus,
Page Protection Mode™
SLx 24C01/02/P
Semiconductor Group
3
1998-07-27
Features
• Data EEPROM internally organized as
128/256 bytes and 16/32 pages
× 8bytes
• Page protection mode, flexible page-by-page
hardware write protection
– Additional protection EEPROM of 16/32 bits,
1 bit per data page
– Protection setting for each data page by writing its
protection bit
– Protection management without switching WP pin
• Low power CMOS
•
V
CC = 2.7 to 5.5 V operation
• Two wire serial interface bus, I
2C-Bus
compatible
• Filtered inputs for noise suppression with
Schmitt trigger
• Clock frequency up to 400 kHz
• High programming flexibility
– Internal programming voltage
– Self timed programming cycle including erase
– Byte-write and page-write programming, between 1 and 8 bytes
– Typical programming time 5 ms for up to 8 bytes
• High reliability
– Endurance 10
6 cycles1)
– Data retention 40 years
1)
– ESD protection 4000 V on all pins
• 8 pin DIP/DSO packages
• Available for extended temperature ranges
– Industrial:
− 40 °C to + 85 °C
– Automotive:
− 40 °C to + 125 °C
1)
Values are temperature dependent, for further information please refer to your Siemens Sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com