Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE24C02-S/P Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # SLE24C02-S/P
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLE24C02-S/P Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button SLE24C02-S/P Datasheet HTML 3Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 4Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 5Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 6Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 7Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 8Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 9Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 10Page - Siemens Semiconductor Group SLE24C02-S/P Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
7
1998-07-27
3
I
2C-Bus Characteristics
The SLx 24C01/02/P devices support a master/slave bidirectional bus oriented protocol
in which the EEPROM always takes the role of a slave.
Figure 3
Bus Configuration
Master
Device that initiates the transfer of data and provides the clock for both
transmit and receive operations.
Slave
Device addressed by the master, capable of receiving and transmitting
data.
Transmitter The device with the SDA as output is defined as the transmitter. Due to
the open drain characteristic of the SDA output the device applying a low
level wins.
Receiver
The device with the SDA as input is defined as the receiver.
Slave 1
Slave 2
Slave 3
Slave 4
Slave 8
Slave 5
Slave 6
Slave 7
Master
VCC
CC
V
IES02183
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com