Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Note Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Note
Description  Small Signal Zener Diodes, Dual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Note Datasheet(HTML) 2 Page - Vishay Siliconix

  Note Datasheet HTML 1Page - Vishay Siliconix Note Datasheet HTML 2Page - Vishay Siliconix Note Datasheet HTML 3Page - Vishay Siliconix Note Datasheet HTML 4Page - Vishay Siliconix Note Datasheet HTML 5Page - Vishay Siliconix Note Datasheet HTML 6Page - Vishay Siliconix Note Datasheet HTML 7Page - Vishay Siliconix Note Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AZ23-V-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 31-Aug-11
2
Document Number: 85867
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Tested with pulses tp = 5 ms
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
VOLTAGE
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
IZT2
VR at IR
ZZ at IZT1 ZZK at IZT2
VZ at IZT
V
mA
V
nA
10-4/°C
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
AZ23C2V7-V-G
D41
2.5
2.7
2.9
5
1
-
-
75 (< 83)
< 500
- 9
- 4
AZ23C3V0-V-G
D42
2.8
3.0
3.2
5
1
-
-
80 (< 95)
< 500
- 9
- 3
AZ23C3V3-V-G
D43
3.1
3.3
3.5
5
1
-
-
80 (< 95)
< 500
- 8
- 3
AZ23C3V6-V-G
D44
3.4
3.6
3.8
5
1
-
-
80 (< 95)
< 500
- 8
- 3
AZ23C3V9-V-G
D45
3.7
3.9
4.1
5
1
-
-
80 (< 95)
< 500
- 7
- 3
AZ23C4V3-V-G
D46
4
4.3
4.6
5
1
-
-
80 (< 95)
< 500
- 6
- 1
AZ23C4V7-V-G
D47
4.4
4.7
5
5
1
-
-
70 (< 78)
< 500
- 5
2
AZ23C5V1-V-G
D48
4.8
5.1
5.4
5
1
> 0.8
100
30 (< 60)
< 480
- 3
4
AZ23C5V6-V-G
D49
5.2
5.6
6
5
1
> 1
100
10 (< 40)
< 400
- 2
6
AZ23C6V2-V-G
D50
5.8
6.2
6.6
5
1
> 2
100
4.8 (< 10)
< 200
- 1
7
AZ23C6V8-V-G
D51
6.4
6.8
7.2
5
1
> 3
100
4.5 (< 8)
< 150
2
7
AZ23C7V5-V-G
D52
7
7.5
7.9
5
1
> 5
100
4 (< 7)
< 50
- 3
7
AZ23C8V2-V-G
D53
7.7
8.2
8.7
5
1
> 6
100
4.5 (< 7)
< 50
4
7
AZ23C9V1-V-G
D54
8.5
9.1
9.6
5
1
> 7
100
4.8 (< 10)
< 50
5
8
AZ23C10-V-G
D55
9.4
10
10.6
5
1
> 7.5
100
5.2 (< 15)
< 70
5
8
AZ23C11-V-G
D56
10.4
11
11.6
5
1
> 8.5
100
6 (< 20)
< 70
5
9
AZ23C12-V-G
D57
11.4
12
12.7
5
1
> 9
100
7 (< 20)
< 90
6
9
AZ23C13-V-G
D58
12.4
13
14.1
5
1
> 10
100
9 (< 25)
< 110
7
9
AZ23C15-V-G
D59
13.8
15
15.6
5
1
> 11
100
11 (< 30)
< 110
7
9
AZ23C16-V-G
D60
15.3
16
17.1
5
1
> 12
100
13 (< 40)
< 170
8
9.5
AZ23C18-V-G
D61
16.8
18
19.1
5
1
> 14
100
18 (< 50)
< 170
8
9.5
AZ23C20-V-G
D62
18.8
20
21.2
5
1
> 15
100
20 (< 50)
< 220
8
10
AZ23C22-V-G
D63
20.8
22
23.3
5
1
> 17
100
25 (< 55)
< 220
8
10
AZ23C24-V-G
D64
22.8
24
25.6
5
1
> 18
100
28 (< 80)
< 220
8
10
AZ23C27-V-G
D65
25.1
27
28.9
5
1
> 20
100
30 (< 80)
< 250
8
10
AZ23C30-V-G
D66
28
30
32
5
1
> 22.5
100
35 (< 80)
< 250
8
10
AZ23C33-V-G
D67
31
33
35
5
1
> 25
100
40 (< 80)
< 250
8
10
AZ23C36-V-G
D68
34
36
38
5
1
> 27
100
40 (< 90)
< 250
8
10
AZ23C39-V-G
D69
37
39
41
5
1
> 29
100
50 (< 90)
< 300
10
12
AZ23C43-V-G
D70
40
43
46
5
1
> 32
100
60 (< 100)
< 700
10
12
AZ23C47-V-G
D71
44
47
50
5
1
> 35
100
70 (< 100)
< 750
10
12
AZ23C51-V-G
D72
48
51
50
5
1
> 38
100
70 (< 100)
< 750
10
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com