Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD751 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD751
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD751 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD751 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD751 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BD751/751A
DESCRIPTION
· Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 90V(Min)- BD751
= 120V(Min)- BD751A
·High Power Dissipation
·Complement to Type BD750/750A
APPLICATIONS
·Designed for high voltage and high power amplifier
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BD751
100
VCEV
Collector-Emitter Voltage
BD751A
130
V
BD751
90
VCEO(SUS)
Collector-Emitter Voltage
BD751A
120
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
20
A
IB
B
Base Current-Continuous
5
A
PC
Collector Power Dissipation@TC=25℃
200
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.875
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BD751

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BD751 NJSEMI-BD751 Datasheet
131Kb / 2P
Silicon NPN Power Transistors
BD751A NJSEMI-BD751A Datasheet
131Kb / 2P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD751B ISC-BD751B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD751B NJSEMI-BD751B Datasheet
132Kb / 2P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD751C ISC-BD751C Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
More results

Similar Description - BD751

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com