Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD751 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD751
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD751 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD751 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD751 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BD751/751A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD751
90
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD751A
IC=100mA ; IB=0
120
V
BD751
IC= 7.5A; IB= 0.75A
1.5
VCE(sat)
Collector-Emitter
Saturation Voltage
BD751A
IC= 5A; IB= 0.5A
B
1.0
V
BD751
IC= 7.5A; IB= 0.75A
1.8
VBE(sat)
Base-Emitter
Saturation Voltage
BD751A
IC= 5A; IB= 0.5A
B
1.8
V
BD751
VCEV= 100V;VBE(off)= 1.5V
0.5
ICEV
Collector
Cutoff Current
BD751A
VCEV= 130V;VBE(off)= 1.5V
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 7V; IC=0
1.0
mA
BD751
IC= 7.5A ; VCE= 2V
15
60
hFE
DC Current Gain
BD751A
IC= 5A ; VCE= 2V
25
100
fT
Current-Gain—Bandwidth Product
IC= 0.5A ;VCE= 10V; ftest= 1MHz
4
MHz
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com