Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD677 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD677
Description  Silicon NPN Darligton Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD677 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD677 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD677 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD677 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Darligton Power Transistors
BD675/BD677/BD679
DESCRIPTION
・
・With TO-126 package
・Complement to type BD676/678/680
・DARLINGTON
・High DC current gain
APPLICATIONS
・For use as output devices in
complementary general–purpose
amplifier applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD675
45
BD677
60
VCBO
Collector-base voltage
BD679
Open emitter
80
V
BD675
45
BD677
60
VCEO
Collector-emitter voltage
BD679
Open base
80
V
VEBO
Emitter -base voltage
Open collector
5
V
IC
Collector current
4
A
ICM
Collector current-Peak
7
A
IB
Base current
0.1
A
PC
Collector power dissipation
TC=25℃
40
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
Thermal resistance from junction to ambient
100
K/W
Rth j-mb
Thermal resistance from junction to mounting base
3.12
K/W


Similar Part No. - BD677

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD677 MOTOROLA-BD677 Datasheet
112Kb / 4P
Plastic Medium-Power Silicon NPN Darlingtons
logo
STMicroelectronics
BD677 STMICROELECTRONICS-BD677 Datasheet
87Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Sep-1997
logo
Siemens Semiconductor G...
BD677 SIEMENS-BD677 Datasheet
134Kb / 4P
NPN SILICON DARLINGTON TRANSISTORS
BD677 SIEMENS-BD677 Datasheet
135Kb / 4P
PNP SILICON DARLINGTON TRANSISTORS
logo
STMicroelectronics
BD677 STMICROELECTRONICS-BD677 Datasheet
252Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Nov-2003
More results

Similar Description - BD677

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BD675 SAVANTIC-BD675 Datasheet
103Kb / 3P
Silicon NPN Darligton Power Transistors
BD676 SAVANTIC-BD676 Datasheet
102Kb / 3P
Silicon PNP Darligton Power Transistors
logo
Inchange Semiconductor ...
BD676 ISC-BD676 Datasheet
131Kb / 3P
Silicon PNP Darligton Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com