Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD677 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD677
Description  Silicon NPN Darligton Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD677 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD677 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD677 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD677 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Darligton Power Transistors
BD675/BD677/BD679
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD675
45
BD677
60
V(BR)CEO
Collector-emitter
breakdown voltage
BD679
IC=100mA; IB=0
80
V
BD675
45
BD677
60
V(BR)CBO
Collector-base
breakdown voltage
BD679
IC=1mA; IE=0
80
V
V(BR)EBO
Emitter-base breakdown voltage
IE=5mA; IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=1.5A; IB=30mA
2.5
V
VBE(on)
Base-emitter on voltage
IC=1.5A ; VCE=3V
2.5
V
ICBO
Collector cut-off current
VCB=rated BVCBO; IE=0
Ta=100 ℃
0.2
2.0
mA
ICEO
Collector cut-off current
VCE=1/2rated BVCEO; IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5.0
mA
hFE
DC current gain
IC=1.5A ; VCE=3V
750



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com