| Electronic Components Datasheet Search |
|
300-R010-45G Datasheet(PDF) 15 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
300-R010-45G Datasheet(HTML) 15 Page - Magnetrol International, Inc. |
|
15 / 36 page ![]() System Configuration Menu (Level Only) Display Keystroke Comment and/or Additional Keystrokes Magnetrol Int’l Press ENT At start up, the unit is in the run mode displaying Magnetrol Int’l. Pressing ENT xxxx units allows you to enter the main menu. Measured Values Press Allows you to enter the System Config menu. ENT to Select System Config Press ENT Enters the first display (Level Units) of System Config. menu. Level Units If inches are the desired Level Units press to continue to the next item. To Inches Press ENT or change units, press ENT and to select Feet, Centimeters, or Meters. Press ENT to select desired Level Units. Enter Password Enter Valid Password Entering a valid password and pressing ENT sets your unit selection and (if units changed) (factory default is 300) continues on to the next item. Mode Setup Press to continue to the next item. This section covers a Level Only config- Level Only Press uration. Turn to page 17 if a Volume & Level configuration is desired, or page 20 for Flow & Level. SOFTWARE CONFIGURATION cont. The Measured Values Menu can be accessed by pressing the ENT key from the run mode. You may scroll though the measured values by using the up and down arrows. The items displayed in the Measured Values Menu will differ depending on whether Level Only, Vol & Level, or Flow & Level has been selected in the System Config section described later in this manual. Measured Values Menu Display Keystroke Comments or Additional Keystrokes Magnetrol Int’l Press ENT Enters the Measured Values Menu. xxxx units Measured Values Press ENT Displays the first item (Level) in the Measured Values Menu. Level Press Indicates the level of material in the vessel. Pressing allows you to continue xxxx units to the next menu item. Distance Press Indicates the distance from the face of the transducer to the target. Pressing xxxx units allows you to continue to the next menu item. Loop Press Indicates the milliamp current loop output. Pressing allows you to continue to xxxx the next menu item. Temperature Press Indicates the air temperature at the transducer. The temperature units are in ° F or ° C depending upon whether English or metric units of level are chosen. Pressing xxxx F allows you to continue to the next menu item. Previous Menu Press ENT, , or DEL Pressing will cycle back to the Level display, or press ENT or DEL to continue ENT to select to the next configuration item. This System Configuration menu is used for basic setup of the unit. Refer to pages 13 and 14 for the complete menu layout. The Model 300/301 is capable of being configured in three different modes of operation—Level Only, Volume & Level, or Flow & Level. The System Configuration Menu is for selecting the measurement units and calibrating the sys- tem to measure Level Only (refer to page 15-16), Volume & Level (page 17), or Flow & Level (page 20). The following table is a step-by-step procedure for using the Level Only menu. It is assumed that you are starting from the RUN mode. Continued on page 16 15 MEASURED VALUES MENU SYSTEM CONFIGURATION MENU—LEVEL ONLY |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |