| Electronic Components Datasheet Search |
|
300-R010-45G Datasheet(PDF) 25 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
300-R010-45G Datasheet(HTML) 25 Page - Magnetrol International, Inc. |
|
25 / 36 page ![]() SOFTWARE CONFIGURATION cont. 25 The Advanced Configuration menu sets many parameters that are not normally used in the operation of the unit. The Advanced Configuration menu can be accessed from the run mode by pressing ENT and or until the display shows: The entire Advanced Configuration menu is shown below, followed by the configuration instructions for each item. Adv Config to select Advanced Configuration Menu Menu Display Menu Item Explanation Adv Config Enters the Advanced Configuration menu. Press ENT. to select Calibrate Used to adjust for the speed of sound if the ultrasonic signal is going through media other than air. xxxx units NOTE: It is strongly recommended to consult the factory prior to using this feature! Gain Limit Used to limit the gain to a value between 0 and 32. Since the unit adapts its gain to suit the application, it is not 32 recommended to use this feature unless instructed to by the factory. Starting Gain Used to adjust the starting gain to a value between 0 and 32. Since the unit adapts its gain to suit the application, 0 it is not recommended to use this feature unless instructed to by the factory. Damping (1-60) Used to set the damping (1-60 seconds) for the unit. This value can be changed depending on how turbulent the 6 process is, or if the rate of fill is very fast or slow. Echo Loss Delay Used to set a delay (1-150 seconds) of the Fault Alarm (relay #1) when an echo loss occurs. 1 sec Default Display Allows the default display to be changed from Level to Loop (4-20 mA), or Volume or Flow if in the Volume or Level Flow mode. Change Password The factory preset password is 300. This screen is used to change the password for security purposes. to select Adjust Loop Pts Offsets to the mA current loop can be made. to select Enter Tag Line Used to replace the “Magnetrol Int’l” tag with a user-defined tag such as vessel number or location. Any to select alphanumeric characters can be entered as a tag. Previous Menu Reverts back to the beginning of Advanced Configuration. to select Calibrate NOTE: It is not recommended to use the calibrate feature unless specifically directed to do so from the factory. The Model 300/301 performs level measurement by timing how long it takes for a round trip ultrasonic pulse to travel from the face of the transducer to the liquid surface and back. The measurement assumes that this round trip is in air where the speed of sound is 1128 feet/second. This speed of sound is altered when going through gases other than air. The Calibrate mode can be used to adjust for the speed of sound when going through homogenous (not stratified lay- ers) gases other than air. However, since most gases exist as stratified layers of vapors above the liquid surface, the Calibrate mode is rarely used. When entering the Calibrate mode, the display will indicate the distance that the 300/301 has measured from the face of the transducer to the liquid surface. If this distance is in error, measure the actual distance and enter this value. NOTE: Using the Calibrate mode may cause false level read- ings. Consult factory for reset procedures. Gain Limit This displays the value of maximum gain that the unit will use. This value is from 0-32 and the unit steps up in single-gain increments until a suitable signal is received. Limiting the gain to a lower value may help with secondary echo problems. Enter a value between 0 and 32. Enter Password will be dis- played and your chosen password must be entered at this time. Press ENT to acknowledge the password. Gain Limit cont. The Model 300/301 adapts its gain to suit the conditions of the application. There are 32 gain steps. The higher the num- ber, the higher gain/drive required to detect an acceptable signal. Starting Gain The gain starts out at a value of zero and adjusts itself to a value (between 0 and 32) such that it can reliably measure the liquid surface. Approximately once a minute it will reini- tialize the gain starting from zero to make sure that the unit is measuring the proper distance. This is particularly helpful in tall vessels or those applications with turbulent surfaces. A higher Starting Gain value will decrease the time for the unit to achieve the proper Gain value. Adjusting the starting gain should not be done without consulting the factory. Damping The factory default value is 6 seconds for damping. This value can be changed (from 1-60) depending on the rate of fill (or empty) of the vessel. Larger damping values can be beneficial if the liquid surface is turbulent due to the vessel fill, or agitation from a mixer. Echo Loss Delay Used to set a delay (1-150 seconds) of the Fault Alarm (relay #1) when an echo loss occurs. This helps to avoid a fault alarm if the 300/301 momentarily loses the ultrasonic signal due to excessive turbulence, foam or other application parameters. ADVANCED CONFIGURATION MENU |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |