Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431CSF Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # TL431CSF
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431CSF Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

Back Button TL431CSF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
Dec. 2010 – Rev.1.5
- 8 -
HTC
TYPICAL OPERATING CHARACTERISTICS (continued)
Stability Boundary Conditions
0
10
20
30
40
50
60
70
80
90
100
0
1
10
100
1000
10000
100000
CL-Load Capacitance (nF)
R1
R2
150Ω
CL
A B
C
B A
D
STABLE
STABLE
< Fig 5. TEST Circuit >
A VKA = VREF, R1= 0Ω, R2 = ∞
B VKA = 5.0V, R1=10kΩ, R2 = 10kΩ
C VKA = 10.0V, R1=10kΩ, R2 = 3.3kΩ
D VKA = 15.0V, R1=10kΩ, R2 = 2KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com