Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431CSF Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TL431CSF
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431CSF Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button TL431CSF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TL431CSF Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
Dec. 2010 – Rev.1.5
- 6 -
HTC
The deviation parameters ΔVREF/ΔT and ΔIREF/ΔT are defined as the differences between the maximum and
minimum values obtained over the recommended temperature range. The average full-range temperature
coefficient of the reference voltage, αVREF, is defined as :
A
6
REF
I(dev)
REF
ΔT
10
×
)
25
at
V
V
(
=
)
(ppm/
αV
℃
℃
Where :
ΔTA is the recommended operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at
the lower temperature.
Example : Maximum VREF=2496mV at 30 , maximum V
℃
REF=2492mV at 0
, V
℃
REF=2495mV at 25
,
℃
ΔTA=70
for TL431C.
℃
℃
≈
℃
23ppm/
70
10
×
)
2495mV
4mV
(
=
αV
6
REF
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
Calculating Dynamic Impedance
The dynamic impedance is defined as :
KA
KA
KA
ΔI
ΔV
=
Z
When the device is operating with two external resistors, the total dynamic impedance of the circuit is given by:
()
R1/R2
+
1
Z
≈
ΔI
ΔV
=
Z
KA
'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com