Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ2000-RFX Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAXQ2000-RFX
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAXQ2000-RFX Datasheet HTML 28Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 29Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 30Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 31Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 32Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 33Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 34Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 35Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Low-Power LCD Microcontroller
32
____________________________________________________________________
• Flexibility to use external resistors to adjust drive volt-
ages and current capacity
A simple LCD-segmented glass interface example
demonstrates the minimal hardware required to inter-
face to a MAXQ2000 microcontroller. A two-character
LCD is controlled, with each character containing
seven segments plus decimal point. The LCD controller
is configured for 1/2 duty cycle operation, meaning the
active segment is controlled using a combination of
segment signals, and COM0 or COM1 signals are used
to select the active display.
Applications
The low-power, high-performance RISC architecture of
the MAXQ2000 makes it an excellent fit for many
portable or battery-powered applications that require
cost-effective computing. The high-throughput core is
complemented by a 16-bit hardware multiplier-accumu-
lator, allowing the implementation of sophisticated com-
putational algorithms. Applications benefit from a wide
range of peripheral interfaces, allowing the microcon-
troller to communicate with many external devices. With
integrated LCD support of up to 100 or 132 segments,
applications can support complex user interfaces.
Displays are driven directly with no additional external
hardware required. Contrast can be adjusted using a
built-in, adjustable resistor. The simplified architecture
reduces component count and board space, critical
factors in the design of portable systems.
The MAXQ2000 is ideally suited for applications such
as medical instrumentation, portable blood glucose
equipment, and data collection devices. For blood glu-
cose measurement, the microcontroller integrates an
SPI interface that directly connects with analog front
ends for measuring test strips.
Additional Documentation
Designers must have four documents to fully use all the
features of this device. This data sheet contains pin
descriptions, feature overviews, and electrical specifi-
cations. Errata sheets contain deviations from pub-
lished specifications. The user’s guides offer detailed
information about device features and operation. The
following documents can be downloaded from
www.maxim-ic.com/microcontrollers.
• The MAXQ2000 errata sheet, available at
www.maxim-ic.com/errata.
• The MAXQ Family User’s Guide, which contains
detailed information on core features and operation,
including programming.
• The MAXQ Family User’s Guide: MAXQ2000
Supplement, which contains detailed information on
features specific to the MAXQ2000.
SEG0
SEG1
SEG2
SEG3
COM0
SEG0:7
CONNECTED TO DARK GREY SEGMENTS
COM1
CONNECTED TO LIGHT GREY SEGMENTS
SEG4
SEG5
SEG6
SEG7
MAXQ2000
Figure 5. Two-Character, 1/2 Duty, LCD Interface Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com