Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ2000-RFX Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAXQ2000-RFX
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAXQ2000-RFX Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 9Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 10Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 11Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 12Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 13Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 14Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Low-Power LCD Microcontroller
____________________________________________________________________
11
Pin Description (continued)
PIN
TQFN-EP
QFN-EP
LQFP
NAME
FUNCTION
General-Purpose, Digital, I/O, Type-D Port; LCD Segment-Driver Output; External
Edge-Selectable Interrupt. This port functions as both bidirectional I/O pins and
LCD segment-drive outputs. All port pins are defaulted as input with weak pullup
after a reset. The port pads can be configured as an external interrupt for pins 7 to
4. If the external interrupt is enabled, the LCD function on the associated pin is
disabled. Setting the PCF0 bit enables the LCD for all pins on this port and disables
the general-purpose I/O function on all pins.
It is possible to mix the LCD and interrupt functions on the same port. To do this,
the interrupt enable must be established prior to setting the PCF0 bit. Care must be
taken not to enable the external interrupt while the LCD is in normal operational
mode, as this could result in potentially harmful contention between the LCD
controller output and the external source connected to the interrupt input.
56-PIN
68-PIN
100-PIN
PORT
ALTERNATE FUNCTIONS
49
58
89
P0.0
SEG0
—
50
59
90
P0.1
SEG1
—
51
60
91
P0.2
SEG2
—
52
61
92
P0.3
SEG3
—
53
62
93
P0.4
SEG4
INT0
54
63
94
P0.5
SEG5
INT1
55
64
95
P0.6
SEG6
INT2
49–56
58–65
89–96
P0.0–
P0.7;
SEG0–
SEG7;
INT0–
INT3
56
65
96
P0.7
SEG7
INT3
—
—
1, 2, 12,
13, 24,
25, 26,
35, 37,
38, 44–
49, 51,
55, 61,
72–75,
77–80,
87, 88,
99, 100
N.C.
No Connection. These pins should not be connected.
—
—
—
EP
Exposed Paddle. Exposed paddle is on the under side of the package. It should be
left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com