Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER26LN Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER26LN
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26LN Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER26LN Datasheet HTML 14Page - STMicroelectronics VIPER26LN Datasheet HTML 15Page - STMicroelectronics VIPER26LN Datasheet HTML 16Page - STMicroelectronics VIPER26LN Datasheet HTML 17Page - STMicroelectronics VIPER26LN Datasheet HTML 18Page - STMicroelectronics VIPER26LN Datasheet HTML 19Page - STMicroelectronics VIPER26LN Datasheet HTML 20Page - STMicroelectronics VIPER26LN Datasheet HTML 21Page - STMicroelectronics VIPER26LN Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Open loop failure protection
VIPER26
18/25
Doc ID 17736 Rev 2
15
Open loop failure protection
In case the power supply is built in fly-back topology and the VIPer26 is supplied by an
auxiliary winding, as shown in
Figure 27 on page 18 and Figure 28 on page 19, the
converter is protected against feedback loop failure or accidental disconnections of the
winding.
The following description is applicable for the schematics of
Figure 27 on page 18 and
Figure 28 on page 19, respectively the non-isolated fly-back and the isolated fly-back.
If RH is opened or RL is shorted, the VIPer26 works at its drain current limitation. The output
voltage, VOUT, will increase and so the auxiliary voltage, VAUX, which is coupled with the
output through the secondary-to-auxiliary turns ratio.
As the auxiliary voltage increases up to the internal VDD active clamp, VDDclamp (the value is
reported on
Table 8 on page 7) and the clamp current injected on VDD pin exceeds the
latch threshold, IDDol (the value is reported on Table 8 on page 7), a fault signal is internally
generated.
In order to distinguish an actual malfunction from a bad auxiliary winding design, both the
above conditions (drain current equal to the drain current limitation and current higher than
IDDol through VDD clamp) have to be verified to reveal the fault.
If RL is opened or RH is shorted, the output voltage, VOUT, will be clamped to the reference
voltage VREF_FB (in case of non isolated fly-back) or to the external TL voltage reference (in
case of isolated fly-back).
Figure 27.
FB pin connection for non-isolated fly-back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com