Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER26LN Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER26LN
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26LN Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER26LN Datasheet HTML 12Page - STMicroelectronics VIPER26LN Datasheet HTML 13Page - STMicroelectronics VIPER26LN Datasheet HTML 14Page - STMicroelectronics VIPER26LN Datasheet HTML 15Page - STMicroelectronics VIPER26LN Datasheet HTML 16Page - STMicroelectronics VIPER26LN Datasheet HTML 17Page - STMicroelectronics VIPER26LN Datasheet HTML 18Page - STMicroelectronics VIPER26LN Datasheet HTML 19Page - STMicroelectronics VIPER26LN Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Burst mode
VIPER26
16/25
Doc ID 17736 Rev 2
13
Burst mode
When the voltage VCOMP drops below the threshold, VCOMPL, the power MOSFET is kept in
OFF state and the consumption is reduced to IDD0 current, as reported on Table 7 on
page 6. As reaction at the energy delivery stop, the V
COMP voltage increases and as soon
as it exceeds the threshold VCOMPL + VCOMPL_HYS, the converter starts switching again with
consumption level equal to IDD1 current. This ON-OFF operation mode, referred to as “burst
mode” and reported on
Figure 25 on page 16, reduces the average frequency, which can go
down even to a few hundreds hertz, thus minimizing all frequency-related losses and
making it easier to comply with energy saving regulations. During the burst mode, the drain
current limit is reduced to the value IDlim_bm (reported on Table 8 on page 7) in order to
avoid the audible noise issue.
Figure 25.
Load-dependent operating modes: timing diagrams
Figure 24.
COMP pin voltage versus IDLIM
time
time
time
V
COMP
V
COMPL +VCOMPL_HYS
V
COMPL
I
DD1
I
DD0
I
DD
I
DRAIN
I
Dlim_bm
Burst Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com