Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVLED805 Datasheet(PDF) 18 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button HVLED805 Datasheet HTML 14Page - STMicroelectronics HVLED805 Datasheet HTML 15Page - STMicroelectronics HVLED805 Datasheet HTML 16Page - STMicroelectronics HVLED805 Datasheet HTML 17Page - STMicroelectronics HVLED805 Datasheet HTML 18Page - STMicroelectronics HVLED805 Datasheet HTML 19Page - STMicroelectronics HVLED805 Datasheet HTML 20Page - STMicroelectronics HVLED805 Datasheet HTML 21Page - STMicroelectronics HVLED805 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Application information
HVLED805
18/29
Doc ID 18077 Rev 1
5.5
Constant current operation
Figure 15
presents the principle used for controlling the average output current of the
flyback converter.
The output voltage of the auxiliary winding is used by the demagnetization block to generate
the control signal for the mosfet switch Q1. A resistor R in series with it absorbs a current
VC/R, where VC is the voltage developed across the capacitor C.
The flip-flop’s output is high as long as the transformer delivers current on secondary side.
This is shown in Figure 16.
The capacitor C has to be chosen so that its voltage VC can be considered as a constant.
Since it is charged and discharged by currents in the range of some ten µA (ICLED is
typically 20 µA) at the switching frequency rate, a capacitance value in the range 4.7-10 nF
is suited for switching frequencies in the ten kHz.
The average output current can be expressed as:
Equation 2
Where IS is the secondary peak current, TONSEC is the conduction time of the secondary
side and T is the switching period.
Taking into account the transformer ratio n between primary and secondary side, IS can also
be expressed is a function of the primary peak current IP:
Equation 3
As in steady state the average current IC:
Equation 4
Which can be solved for VC:
Equation 5
Where VCLED=R • ILED and is internally defined.
As VC is fed to the CC comparator, the primary peak current can be expressed as:
=
T
T
2
I
I
ONSEC
S
OUT
P
S
I
n
I
=
()
0
T
R
V
I
T
T
I
ONSEC
C
CLED
ONSEC
CLED
=
+
ONSEC
CLED
C
T
T
V
V
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com