| Electronic Components Datasheet Search |
|
HVLED805 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED805 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 29 page ![]() Application information HVLED805 16/29 Doc ID 18077 Rev 1 After the first few cycles initiated by the starter, as the voltage developed across the auxiliary winding becomes large enough to arm the DMG circuit, MOSFET’s turn-on will start to be locked to transformer demagnetization, hence setting up QR operation. The starter is activated also when the IC is in CC regulation and the output voltage is not high enough to allow the DMG triggering. If the demagnetization completes – hence a negative-going edge appears on the DMG pin – after a time exceeding time TBLANK from the previous turn-on, the MOSFET will be turned on again, with some delay to ensure minimum voltage at turn-on. If, instead, the negative- going edge appears before TBLANK has elapsed, it will be ignored and only the first negative- going edge after TBLANK will turn-on the MOSFET. In this way one or more drain ringing cycles will be skipped (“valley-skipping mode”, Figure 13) and the switching frequency will be prevented from exceeding 1/TBLANK. Note: That when the system operates in valley skipping-mode, uneven switching cycles may be observed under some line/load conditions, due to the fact that the OFF-time of the MOSFET is allowed to change with discrete steps of one ringing cycle, while the OFF-time needed for cycle-by-cycle energy balance may fall in between. Thus one or more longer switching cycles will be compensated by one or more shorter cycles and vice versa. However, this mechanism is absolutely normal and there is no appreciable effect on the performance of the converter or on its output voltage. 5.4 Constant voltage operation The IC is specifically designed to work in primary regulation and the output voltage is sensed through a voltage partition of the auxiliary winding, just before the auxiliary rectifier diode. Figure 14 shows the internal schematic of the constant voltage mode and the external connections. Figure 13. Drain ringing cycle skipping as the load is progressively reduced Pin = Pin' (limit condition) Pin = Pin'' < Pin' Pin = Pin''' < Pin'' t VDS TFW Tosc TV TON t VDS Tosc t VDS Tosc |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |