Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RZF013P01 Datasheet(PDF) 1 Page - Rohm

Part # RZF013P01
Description  1.5V Drive Pch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZF013P01 Datasheet(HTML) 1 Page - Rohm

  RZF013P01 Datasheet HTML 1Page - Rohm RZF013P01 Datasheet HTML 2Page - Rohm RZF013P01 Datasheet HTML 3Page - Rohm RZF013P01 Datasheet HTML 4Page - Rohm RZF013P01 Datasheet HTML 5Page - Rohm RZF013P01 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.02 - Rev.A
1.5V Drive Pch MOSFET
RZF013P01
Structure
Dimensions (Unit : mm)
Silicon P-channel MOSFET
Features
1) Low on-resistance.
2) High power package.
3) Low voltage drive. (1.5V)
Applications
Equivalent circuit
Switching
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
RZF013P01
TL
3000
Type
Absolute maximum ratings (Ta=25
°C)
∗1
∗2
∗1
Parameter
V
VDSS
Symbol
V
VGSS
A
ID
A
IDP
A
IS
A
ISP
W
PD
°C
Tch
°C
Tstg
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 When mounted on a ceramic board
Source current
(Body diode)
−12
±10
±1.3
±5.2
−0.6
−5.2
0.8
150
−55 to +150
Thermal resistance
Parameter
°C / W
Rth(ch-a)
Symbol
Limits
Unit
Channel to ambient
∗ When mounted on a ceramic board
156
∗
(1) Gate
(2) Source
(3) Drain
TUMT3
Abbreviated symbol : XC
(1) Gate
(2) Source
(3) Drain
∗2
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗1
(2)
(1)
(3)


Similar Part No. - RZF013P01

ManufacturerPart #DatasheetDescription
logo
Rohm
RZF013P01 ROHM-RZF013P01 Datasheet
220Kb / 6P
1.5V Drive Pch MOSFET
logo
TECH PUBLIC Electronics...
RZF013P01TL-TP TECHPUBLIC-RZF013P01TL-TP Datasheet
1Mb / 4P
P-Channel Enhancement Mode MOSFET
More results

Similar Description - RZF013P01

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
1.5V Drive PchPch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
RAL025P01 ROHM-RAL025P01 Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com